Electronic Components Datasheet Search
  English  ▼

X  

F24 Datasheet(PDF) 187 Page - Renesas Technology Corp

Part # F24
Description  RENESAS MCU
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F24 Datasheet(HTML) 187 Page - Renesas Technology Corp

Back Button F24 Datasheet HTML 183Page - Renesas Technology Corp F24 Datasheet HTML 184Page - Renesas Technology Corp F24 Datasheet HTML 185Page - Renesas Technology Corp F24 Datasheet HTML 186Page - Renesas Technology Corp F24 Datasheet HTML 187Page - Renesas Technology Corp F24 Datasheet HTML 188Page - Renesas Technology Corp F24 Datasheet HTML 189Page - Renesas Technology Corp F24 Datasheet HTML 190Page - Renesas Technology Corp F24 Datasheet HTML 191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 210 page
background image
RL78/F23, F24
5. ELECTRICAL SPECIFICATIONS (GRADE 5)
R01DS0446EJ0120 Rev.1.20
Page 187 of 207
Dec 31, 2025
5.5.2 Serial Interface IICA
(TA = -40 to +150
°C, 2.7 V ≤ EVDD0 = EVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
Normal Mode
Fast Mode
Fast Mode Plus
Unit
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
SCLA0 clock frequency
fSCL
Fast mode plus:
10 MHz
≤ fMCK
0
1000
kHz
Fast mode:
3.5 MHz
≤ fMCK
0
400
kHz
Normal mode:
1 MHz
≤ fMCK
0
100
kHz
Setup time of restart condition Note 1
tSU:STA
4.7
0.6
0.26
µs
Hold time
tHD:STA
4.0
0.6
0.26
µs
Hold time when SCLA0 = ”L”
tLOW
4.7
1.3
0.5
µs
Hold time when SCLA0 = ”H”
tHIGH
4.0
0.6
0.26
µs
Data setup time (reception)
tSU:DAT
250
100
50
ns
Data hold time (transmission) Note 2
tHD:DAT
0
3.45
0
0.9
0
µs
Setup time of stop condition
tSU:STO
4.0
0.6
0.26
µs
Bus-free time
tBUF
4.7
1.3
0.5
µs
Notes 1. The first clock pulse is generated after this period when the start/restart condition is detected.
2. The maximum value (MAX.) of tHD:DAT is during normal transfer and a wait state is inserted in the ACK
(acknowledge) timing.
Remark The maximum value of Cb (communication line capacitance) and the value of Rb (communication line pull-up
resistor) at that time in each mode are as follows.
Standard mode: Cb = 400 pF, Rb = 2.7 kΩ
Fast mode:
Cb = 320 pF, Rb = 1.1 kΩ
Fast mode plus: Cb = 120 pF, Rb = 1.1 kΩ
IICA serial transfer timing
tLOW
SCLA0
SDAA0
Stop
condition
tR
tHD:DAT
tHD:STA
tHIGH
tF
tSU:DAT
tSU:STA
tHD:STA
tSU:STO
Start
condition
Restart
condition
Stop
condition
tBUF
<R>
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com