Electronic Components Datasheet Search
  English  ▼

X  

F24 Datasheet(PDF) 192 Page - Renesas Technology Corp

Part # F24
Description  RENESAS MCU
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F24 Datasheet(HTML) 192 Page - Renesas Technology Corp

Back Button F24 Datasheet HTML 188Page - Renesas Technology Corp F24 Datasheet HTML 189Page - Renesas Technology Corp F24 Datasheet HTML 190Page - Renesas Technology Corp F24 Datasheet HTML 191Page - Renesas Technology Corp F24 Datasheet HTML 192Page - Renesas Technology Corp F24 Datasheet HTML 193Page - Renesas Technology Corp F24 Datasheet HTML 194Page - Renesas Technology Corp F24 Datasheet HTML 195Page - Renesas Technology Corp F24 Datasheet HTML 196Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 210 page
background image
RL78/F23, F24
5. ELECTRICAL SPECIFICATIONS (GRADE 5)
R01DS0446EJ0120 Rev.1.20
Page 192 of 207
Dec 31, 2025
5.6.2 D/A Converter Characteristics
(TA = -40 to +150
°C, 2.7 V ≤ EVDD0 = EVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Resolution
RES
8
bit
Overall error
AINL
Rload = 4 MΩ
2.7 V
≤ VDD ≤ 5.5 V
-2.5/+3.0
LSB
Rload = 8 MΩ
2.7 V
≤ VDD ≤ 5.5 V
-2.5/+3.0
LSB
Settling time
tSET
Cload = 20 pF
2.7 V
≤ VDD ≤ 5.5 V
3
µs
5.6.3 Comparator Characteristics
(TA = -40 to +150
°C, 2.7 V ≤ EVDD0 = EVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input offset voltage
VIOCMP
±5
±90
mV
Input voltage range
VICMP
0
VDD
V
Response time
tCR, tCF
Input amplitude
±100 mV
70
700
ns
Stabilization wait time during input
channel switching Note 1
tWAIT
Input amplitude
±100 mV
800
ns
Operation stabilization wait time Note 2
tCMP
3.3 V
≤ VDD ≤ 5.5 V
1
µs
2.7 V
≤ VDD < 3.3 V
3
µs
Notes 1. Period of time from when the comparator input channel is switched until the comparator is switched to output.
2. Period of time from when the comparator operation is enabled (HCMPON bit in CMPCTL is set to 1) until the
comparator satisfies the DC/AC characteristics.
5.6.4 POR Circuit Characteristics
(TA = -40 to +150
°C, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Detection voltage Note 1
VPOR
Power supply rise time
1.48
1.56
1.73
V
VPDR
Power supply fall time
1.47
1.55
1.71
V
Minimum pulse width Note 2
TPW
300
µs
Detection delay time
TPD
350
µs
Notes 1. This indicates the POR circuit characteristics, and normal operation is not guaranteed under the condition of
less than lower limit operation voltage (2.7 V).
2. Minimum time required for a POR reset when VDD exceeds below VPDR.
Supply voltage (VDD)
TPW
VPOR
VPDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com