Electronic Components Datasheet Search
  English  ▼

X  

F24 Datasheet(PDF) 196 Page - Renesas Technology Corp

Part # F24
Description  RENESAS MCU
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F24 Datasheet(HTML) 196 Page - Renesas Technology Corp

Back Button F24 Datasheet HTML 192Page - Renesas Technology Corp F24 Datasheet HTML 193Page - Renesas Technology Corp F24 Datasheet HTML 194Page - Renesas Technology Corp F24 Datasheet HTML 195Page - Renesas Technology Corp F24 Datasheet HTML 196Page - Renesas Technology Corp F24 Datasheet HTML 197Page - Renesas Technology Corp F24 Datasheet HTML 198Page - Renesas Technology Corp F24 Datasheet HTML 199Page - Renesas Technology Corp F24 Datasheet HTML 200Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 210 page
background image
RL78/F23, F24
5. ELECTRICAL SPECIFICATIONS (GRADE 5)
R01DS0446EJ0120 Rev.1.20
Page 196 of 207
Dec 31, 2025
(2)
Data flash memory processing time
(TA = -40 to +150
°C, 2.7 V ≤ EVDD0 = EVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Item
fCLK = 2 MHz
fCLK = 4 MHz
fCLK = 8 MHz
fCLK = 16 MHz
Unit
Conditions
TYP.
MAX.
TYP.
MAX.
TYP.
MAX.
TYP.
MAX.
Programming time
1 byte
60.0
550.0
49.0
450.0
44.0
410.0
42.0
390.0
µs
Erasure time
1 KB
11.5
340.0
8.4
275.0
7.1
250.0
6.3
235.0
ms
Blank checking time
1 byte
–
29.0
–
22.0
–
19.0
–
17.0
µs
1 KB
–
3.1
–
1.6
–
0.95
–
0.55
ms
Internal verify time
1 byte
–
350.0
–
175.0
–
90.0
–
45.0
µs
1 KB
–
76.0
–
38.0
–
19.0
–
9.5
ms
Item
fCLK = 20 MHz
fCLK = 32 MHz
fCLK = 40 MHz
Unit
Conditions
TYP.
MAX.
TYP.
MAX.
TYP.
MAX.
Programming time
1 byte
42.0
390.0
41.0
380.0
41.0
380.0
µs
Erasure time
1 KB
6.3
235.0
6.2
235.0
6.2
235.0
ms
Blank checking time
1 byte
–
17.0
–
16.0
–
16.0
µs
1 KB
–
0.55
–
0.5
–
0.5
ms
Internal verify time
1 byte
–
35.0
–
22.0
–
18.0
µs
1 KB
–
7.5
–
4.7
–
3.8
ms
Caution The listed values do not include the time until the operations of the flash memory start following
execution of an instruction by software.
5.11 Dedicated Flash Memory Programmer Communication (UART)
(TA = -40 to +150
°C, 2.7 V ≤ EVDD0 = EVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Transfer rate
–
During serial programming
115.2 k
1 M
bps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com