Electronic Components Datasheet Search
  English  ▼

X  

LT8495 Datasheet(PDF) 4 Page - Analog Devices

Part # LT8495
Description  SEPIC/Boost Converter with 2A, 70V Switch, 9μA Quiescent Current, POR and Watchdog Timer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8495 Datasheet(HTML) 4 Page - Analog Devices

  LT8495 Datasheet HTML 1Page - Analog Devices LT8495 Datasheet HTML 2Page - Analog Devices LT8495 Datasheet HTML 3Page - Analog Devices LT8495 Datasheet HTML 4Page - Analog Devices LT8495 Datasheet HTML 5Page - Analog Devices LT8495 Datasheet HTML 6Page - Analog Devices LT8495 Datasheet HTML 7Page - Analog Devices LT8495 Datasheet HTML 8Page - Analog Devices LT8495 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
LT8495
4
8495fb
For more information www.linear.com/LT8495
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C. VIN = VSWEN = 12V, VBIAS = VWDE = 5V, unless otherwise noted
(Note 2).
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RSTIN Pin Current (Note 7)
VRSTIN = 1.2V
VRSTIN = 5V
VRSTIN = 12V
0
35
240
25
200
550
nA
nA
nA
RSTIN Threshold as % of VFB Regulation Voltage
l
86
92
97
%
RSTIN Low to RST Asserted (tUV)
Step VRSTIN from 1.3V to 0.9V
l
8
23
60
µs
Watchdog Timeout and Reset Delay Period (tRST)
(Note 8)
CPOR = 4700pF, Watchdog Timeout Not Occurring
at Same Time as the Reset Delay
l
8.5
9.5
11.85
ms
Watchdog Upper Boundary (tWDU) (Note 8)
CWDT = 1000pF
l
14.9
16.7
20.9
ms
Watchdog Lower Boundary (tWDL) (Note 8)
CWDT = 1000pF
l
580
650
812
µs
RST Output Voltage Low
ISINK = 1.25mA
ISINK = 100μA, VBIAS = 1.3V, VIN = 0V
ISINK = 100μA, VIN = 1.3V, VBIAS = 0V
l
l
l
33
15
15
150
150
150
mV
mV
mV
RST Leakage Current
VRSTIN = 1.2V, VRST = 5V (LT8495E, LT8495I)
VRSTIN = 1.2V, VRST = 5V (LT8495H)
l
l
0
0
0.3
1.0
µA
μA
WDO Output Voltage Low
ISINK = 1.25mA
l
120
420
mV
WDO Leakage Current
VWDO = 5V
l
0
0.25
μA
WDI Pin Current
VWDI = 5V
0
0.1
µA
WDI Input Rising Threshold
l
0.4
0.8
1.25
V
WDI Voltage Hysteresis
58
mV
WDI Input Pulse Width
l
300
ns
WDE Pin Current (Note 7)
VWDE = 1.2V
VWDE = 5V
VWDE = 12V
0
35
240
25
200
550
nA
nA
nA
WDE Rising Voltage Threshold
l
0.9
1
1.1
V
WDE Voltage Hysteresis
30
mV
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime. Voltages are with respect to GND pin unless
otherwise noted.
Note 2: The LT8495E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LT8495I is guaranteed to meet performance specifications from –40°C
to 125°C junction temperature. The LT8495H is guaranteed over the full
–40°C to 150°C operating junction temperature range. Operating lifetime is
derated at junction temperatures greater than 125°C.
Note 3: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions.
Junction temperature will exceed the maximum operating range when
overtemperature protection is active. Continuous operation above the
specified maximum operating junction temperature may impair device
reliability.
Note 4: See Power Supplies and Operating Limits in the Applications
Information section for more details.
Note 5: Current limit guaranteed by design and/or correlation to static test.
Slope Compensation reduces current limit at higher duty cycles.
Note 6: Max duty cycle current limit measured at 1MHz switching
frequency.
Note 7: Polarity specification for all currents into pins is positive. All
voltages are referenced to GND unless otherwise specified.
Note 8: This specification is guaranteed for only the exact capacitance as
listed in the conditions. Variation of the capacitance from the exact listed
value will cause proportional variation to tRST, tWDU and tWDL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com