Electronic Components Datasheet Search
  English  ▼

X  

LT8495 Datasheet(PDF) 13 Page - Analog Devices

Part # LT8495
Description  SEPIC/Boost Converter with 2A, 70V Switch, 9μA Quiescent Current, POR and Watchdog Timer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8495 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT8495 Datasheet HTML 9Page - Analog Devices LT8495 Datasheet HTML 10Page - Analog Devices LT8495 Datasheet HTML 11Page - Analog Devices LT8495 Datasheet HTML 12Page - Analog Devices LT8495 Datasheet HTML 13Page - Analog Devices LT8495 Datasheet HTML 14Page - Analog Devices LT8495 Datasheet HTML 15Page - Analog Devices LT8495 Datasheet HTML 16Page - Analog Devices LT8495 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
LT8495
13
8495fb
For more information www.linear.com/LT8495
APPLICATIONS INFORMATION
Low Ripple Burst Mode Operation
To enhance efficiency at light loads, the LT8495 regulator
enters low ripple Burst Mode operation keeping the output
capacitor charged to the proper voltage while minimizing
the input quiescent current. During Burst Mode operation,
the LT8495 regulator delivers single-cycle bursts of cur-
rent to the output capacitor with each followed by a sleep
period where the output power is delivered to the load by
the output capacitor. The quiescent currents of VIN/BIAS
are reduced to less than 3µA to 6µA typically during the
sleep time (see Electrical Characteristics table).
As the load current decreases towards a no-load condi-
tion, the frequency of single current pulses decreases
(see Figure 1), therefore the percentage of time that the
LT8495 operates in sleep mode increases, resulting in
reduced average input current and thus high efficiency
even at very low loads.
By maximizing the time between pulses, the LT8495 qui-
escent current is minimized. Therefore, to optimize the
quiescent current performance at light loads, the current
in the feedback resistor divider and the reverse current
in the external diode must be minimized, as these appear
to the output as load currents. More specifically, during
Figure 1. Switching Frequency in Burst Mode Operation
the sleep time, the boost converter has the reverse diode
leakage current conducting from output to input, while
the SEPIC converter has leakage current conducting from
output to ground. Use the largest possible feedback resis-
tors and a low leakage Schottky diode in applications with
ultralow Q current.
In Burst Mode operation, the burst frequency and the
charge delivered with each pulse will not change with
output capacitance. Therefore, the output voltage ripple
will be inversely proportional to the output capacitance.
In a typical application with a 47μF output capacitor, the
output ripple is about 10mV and with two 47μF output
capacitors the output ripple is about 5mV (see Switching
Waveforms,BurstModeOperationinTypicalPerformance
Characteristicssection).Theoutputvoltageripplecancon-
tinuetobedecreasedbyincreasingtheoutputcapacitance.
At higher output loads the LT8495 regulator runs at the
frequency programmed by the RT resistor and operates as
a standard current mode regulator. The transition between
high current mode and low ripple Burst Mode operation is
seamless, and will not disturb the output voltage.
Chip Enable Pins
TheSWEN,WDEandRSTINpinsareusedtoenablevarious
portions of the LT8495. The lowest current state is when
all three pins are at 0V which disables all functions of the
LT8495. Raising any of these pins above their respective
input threshold voltages (see Electrical Characteristics
section) activates the core circuits of the LT8495. Start-up
of the LT8495 core circuits typically requires about 1ms
(see the Timing Diagram). See the sections Enabling the
Switching Regulator, Watchdog Timer, and Reset Condi-
tions for further details about SWEN, WDE and RSTIN
respectively.
Enabling the Switching Regulator
The SWEN pin is used to enable or disable the switching
regulator. This pin operates independently of the watch-
dog enable (WDE) and the RST control input (RSTIN). The
rising threshold of SWEN is typically 1V, with 30mV of
hysteresis. The switching regulator is disabled by driving
the SWEN pin below this threshold which deactivates the
NPN power switch. The switching regulator is enabled by
FRONT PAGE APPLICATION
LOAD CURRENT (mA)
0.1
1
10
100
1000
0
100
200
300
400
500
8495 F01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com