Electronic Components Datasheet Search
  English  ▼

X  

LT8495 Datasheet(PDF) 29 Page - Analog Devices

Part # LT8495
Description  SEPIC/Boost Converter with 2A, 70V Switch, 9μA Quiescent Current, POR and Watchdog Timer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8495 Datasheet(HTML) 29 Page - Analog Devices

Back Button LT8495 Datasheet HTML 25Page - Analog Devices LT8495 Datasheet HTML 26Page - Analog Devices LT8495 Datasheet HTML 27Page - Analog Devices LT8495 Datasheet HTML 28Page - Analog Devices LT8495 Datasheet HTML 29Page - Analog Devices LT8495 Datasheet HTML 30Page - Analog Devices LT8495 Datasheet HTML 31Page - Analog Devices LT8495 Datasheet HTML 32Page - Analog Devices LT8495 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
LT8495
29
8495fb
For more information www.linear.com/LT8495
Low Q Current, 5V to 300V, 250kHz Flyback Converter
•
•
VIN
5V
C1
2.2µF
VIN
SWEN
CPOR
CWDT
SS
C1: 2.2F, 25V, X5R, 1206
C2: TDK C3225CH2J223K
D1: VISHAY GSD2004S DUAL DIODE CONNECTED IN SERIES
D2: ONSEMI MBRA2H100
T1: WE –FLEX TRANSFORMER 749196121
FB
SW
GND
WDE
LT8495
WDI
RSTIN
WDO
RST
RT
BIAS
T1
1:5
14.7µH
D2
D1
VOUT
300V
2mA
C2
22nF
KEEP MAXIMUM OUTPUT
POWER AT 0.6W
12.1k
8495 TA05
µC
1M
340
1M
1M
324kHz
1µF
1nF
4.7nF
TYPICAL APPLICATIONS
Danger High Voltage! Operation by High Voltage Trained Personnel Only
5ms/DIV
IPRIMARY
0.5A/DIV
VOUT
50V/DIV
8495 TA05b
2mA LOAD
2µs/DIV
2mA LOAD
IPRIMARY
1A/DIV
VOUT
0.5V/DIV
8495 TA05c
Start-Up Waveforms
Switching Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com