Electronic Components Datasheet Search
  English  ▼

X  

LT8495 Datasheet(PDF) 14 Page - Analog Devices

Part # LT8495
Description  SEPIC/Boost Converter with 2A, 70V Switch, 9μA Quiescent Current, POR and Watchdog Timer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8495 Datasheet(HTML) 14 Page - Analog Devices

Back Button LT8495 Datasheet HTML 10Page - Analog Devices LT8495 Datasheet HTML 11Page - Analog Devices LT8495 Datasheet HTML 12Page - Analog Devices LT8495 Datasheet HTML 13Page - Analog Devices LT8495 Datasheet HTML 14Page - Analog Devices LT8495 Datasheet HTML 15Page - Analog Devices LT8495 Datasheet HTML 16Page - Analog Devices LT8495 Datasheet HTML 17Page - Analog Devices LT8495 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
LT8495
14
8495fb
For more information www.linear.com/LT8495
APPLICATIONS INFORMATION
driving SWEN above its threshold. Before active switching
begins, the soft-start capacitor is quickly discharged then
slowly charged causing a gradual start-up of the regulator.
SWEN can be connected to VIN if “always on” operation is
desired, although some current will flow into the SWEN
pin (see Typical Performance Characteristics) increasing
overall bias current of the system. Also, a resistor divider
can be connected to SWEN to create an undervoltage
lockout function (see Undervoltage Lockouts) for more
information.
Setting the Output Voltage
The output voltage is programmed with a resistor divider
from output to the FB pin (R2) and from the FB pin to
ground (R1). Choose the 1% resistors according to:
R2
=R1
VOUT
1.202
–1
⎛
⎝⎜
⎞
⎠⎟
Notethatchoosinglargerresistorsdecreasesthequiescent
current of the application circuits. In low load applications,
choosing larger resistors is more critical since the part
enters Burst Mode operation with lower quiescent current.
Power Switch Duty Cycle
In order to maintain loop stability and deliver adequate
current to the load, the power NPN (Q1 in the Block
Diagram)cannotremain“on”for100%ofeachclockcycle.
The maximum allowable duty cycle is given by:
DCMAX =
TP –Minimum Switch Off-Time
TP
•100%
where TP is the clock period and the Minimum Switch
Off-Time (found in the Electrical Characteristics) is typi-
cally 70ns.
Conversely, the power NPNs (Q1 in the Block Diagram)
cannot remain "off” for 100% of each clock cycle, and
will turn on for a minimum time (Minimum Switch On-
Time) when in regulation. This Minimum Switch On-Time
governs the minimum allowable duty cycle given by:
DCMIN =
Minimum Switch On-Time
TP
•100%
whereTPistheclockperiodandMinimumSwitchOn-Time
(found in the Electrical Characteristics) is typically 95ns.
Theapplicationshouldbedesignedsuchthattheoperating
duty cycle (DC) is between DCMIN and DCMAX. Normally,
DC rises with higher VOUT and lower VIN.
Duty cycle equations for both boost and SEPIC topologies
are given below, where VD is the diode forward voltage
drop and VCESAT is typically 340mV at 1.2A.
For the boost topology:
DC
≅
VOUT – VIN + VD
VOUT + VD – VCESAT
For the SEPIC topology:
DC
≅
VOUT + VD
VIN + VOUT + VD – VCESAT
The LT8495 can be used in configurations where the duty
cycle is higher than DCMAX, but it must be operated in the
discontinuous conduction mode or Burst Mode operation
so that the effective duty cycle is reduced.
Setting the Switching Frequency
The LT8495 uses a constant frequency PWM architecture
that can be programmed to switch from 250kHz to 1.5MHz
by using a resistor tied from the RT pin to ground. Table 1
shows the necessary RT values for various switching
frequencies.
Table 1. Switching Frequency vs RT Value
SWITCHING FREQUENCY (MHz)
RT VALUE (kΩ)
0.25
324
0.4
196
0.6
124
0.8
88.7
1.0
68.1
1.2
54.9
1.4
45.3
1.5
41.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com