Electronic Components Datasheet Search
  English  ▼

X  

LT8495 Datasheet(PDF) 15 Page - Analog Devices

Part # LT8495
Description  SEPIC/Boost Converter with 2A, 70V Switch, 9μA Quiescent Current, POR and Watchdog Timer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8495 Datasheet(HTML) 15 Page - Analog Devices

Back Button LT8495 Datasheet HTML 11Page - Analog Devices LT8495 Datasheet HTML 12Page - Analog Devices LT8495 Datasheet HTML 13Page - Analog Devices LT8495 Datasheet HTML 14Page - Analog Devices LT8495 Datasheet HTML 15Page - Analog Devices LT8495 Datasheet HTML 16Page - Analog Devices LT8495 Datasheet HTML 17Page - Analog Devices LT8495 Datasheet HTML 18Page - Analog Devices LT8495 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
LT8495
15
8495fb
For more information www.linear.com/LT8495
Inductor Selection
General Guidelines: The high frequency operation of the
LT8495allowsfortheuseofsmallsurfacemountinductors.
For high efficiency, choose inductors with high frequency
core material, such as ferrite, to reduce core losses. To
improve efficiency, choose inductors with more volume
for a given inductance. The inductor should have low DCR
(copper wire resistance) to reduce I2R losses, and must be
able to handle the peak inductor current without saturat-
ing. Note that in some applications, the current handling
requirements of the inductor can be lower, such as in the
SEPIC topology when using uncoupled inductors, where
each inductor only carries a fraction of the total switch
current. Molded chokes or chip inductors usually do not
have enough core area to support peak inductor currents
in the 2A to 3A range. To minimize radiated noise, use a
toroidal or shielded inductor. Note that the inductance of
shielded types will drop more as current increases, and
will saturate more easily.
Minimum Inductance: Although there can be a trade-off
with efficiency, it is often desirable to minimize board
space by choosing smaller inductors. When choosing
an inductor, there are two conditions that limit the mini-
mum inductance; (1) providing adequate load current,
and (2) avoidance of subharmonic oscillation. Choose
an inductance that is high enough to meet both of these
requirements.
Adequate Load Current: Small value inductors result in
increased ripple currents and thus, due to the limited peak
switch current, decrease the average current that can be
provided to a load (IOUT). In order to provide adequate
load current, L should be at least:
L
>
DC• VIN
2 f
( ) ILIM – VOUT •IOUT
VIN • η
⎛
⎝⎜
⎞
⎠⎟
For boost topologies, or:
L
>
DC• VIN
2 f
( ) ILIM – VOUT •IOUT
VIN • η
–IOUT
⎛
⎝⎜
⎞
⎠⎟
for the SEPIC topologies.
APPLICATIONS INFORMATION
where:
L = L1||L2 for uncoupled SEPIC topology
DC = switch duty cycle (see previous section)
ILIM = switch current limit, typically about 2.35A at 50%
duty cycle (see the Typical Performance Characteristics
section)
η = power conversion efficiency (typically 85% to 90%
for boost and 80% to 85% for SEPIC at high currents)
f = switching frequency
Negative values of L indicate that the output load current
IOUT exceeds the switch current limit capability of the
LT8495.
Avoiding Subharmonic Oscillations: The internal slope
compensation circuit of LT8495 helps prevent the subhar-
monic oscillations that can occur when the duty cycle is
greater than 50%, provided that the inductance exceeds
a minimum value. In applications that operate with duty
cycles greater than 50%, the inductance must be at least:
L
>
VIN − VCESAT
(
)• 2DC–1
(
)
0.76 • 1.5•DC
+1
(
)•f• 1–DC
(
)
for boost and coupled inductor SEPIC, or:
L1||L2
>
VIN − VCESAT
(
)• 2DC–1
(
)
0.76 • 1.5•DC
+1
(
)•f• 1–DC
(
)
for the uncoupled inductor SEPIC topologies.
Maximum Inductance: Excessive inductance can reduce
currentrippletolevelsthataredifficultforthecurrentcom-
parator (A2 in the Block Diagram) to cleanly discriminate,
thus causing duty cycle jitter and/or poor regulation. The
maximum inductance can be calculated by:
LMAX =
VIN – VCESAT
IMIN(RIPPLE)
•
DC
f
where LMAX is L1||L2 for uncoupled SEPIC topologies and
IMIN(RIPPLE) is typically 150mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com