Electronic Components Datasheet Search
  English  ▼

X  

LT8495 Datasheet(PDF) 8 Page - Analog Devices

Part # LT8495
Description  SEPIC/Boost Converter with 2A, 70V Switch, 9μA Quiescent Current, POR and Watchdog Timer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8495 Datasheet(HTML) 8 Page - Analog Devices

Back Button LT8495 Datasheet HTML 4Page - Analog Devices LT8495 Datasheet HTML 5Page - Analog Devices LT8495 Datasheet HTML 6Page - Analog Devices LT8495 Datasheet HTML 7Page - Analog Devices LT8495 Datasheet HTML 8Page - Analog Devices LT8495 Datasheet HTML 9Page - Analog Devices LT8495 Datasheet HTML 10Page - Analog Devices LT8495 Datasheet HTML 11Page - Analog Devices LT8495 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
LT8495
8
8495fb
For more information www.linear.com/LT8495
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
RST Pin Current
vs Supply Voltage
Pin Current
Quiescent Current
VIN VOLTAGE (V)
0
0
2
4
6
8
10
12
14
16
18
20
5
4
2
1
8495 G27
3
VIN = BIAS = RSTIN,
SWEN = WDE = 0
RST = 0.4V
VIN = BIAS,
SWEN = WDE = RSTIN = 0
TEMPERATURE (°C)
–50
0
20
40
60
150
50
0
8495 G28
100
VFB = 1.25V
VSWEN = VWDE = VRSTIN = 1.2V
ISWEN = IWDE = IRSTIN
IFB
TEMPERATURE (°C)
–50
0
6
4
2
8
10
12
150
50
0
8495 G29
100
VIN = 12V, VBIAS = 5V
VSWEN = VWDE = 5V
VFB = VRSTIN = 1.25V
CURRENT INTO BIAS
CURRENT INTO VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com