Electronic Components Datasheet Search
  English  ▼

X  

LT8495 Datasheet(PDF) 17 Page - Analog Devices

Part # LT8495
Description  SEPIC/Boost Converter with 2A, 70V Switch, 9μA Quiescent Current, POR and Watchdog Timer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8495 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT8495 Datasheet HTML 13Page - Analog Devices LT8495 Datasheet HTML 14Page - Analog Devices LT8495 Datasheet HTML 15Page - Analog Devices LT8495 Datasheet HTML 16Page - Analog Devices LT8495 Datasheet HTML 17Page - Analog Devices LT8495 Datasheet HTML 18Page - Analog Devices LT8495 Datasheet HTML 19Page - Analog Devices LT8495 Datasheet HTML 20Page - Analog Devices LT8495 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
LT8495
17
8495fb
For more information www.linear.com/LT8495
APPLICATIONS INFORMATION
achieved at the expense of diode size. Finally, keep in mind
that the leakage current of a power Schottky diode goes
up exponentially with junction temperature. Therefore, the
Schottkydiodemustbeselectedwithcaretoavoidexcessive
increase in light load supply current at high temperatures.
Soft-Start
The LT8495 contains a soft-start circuit to limit peak
switch currents during start-up. High start-up current is
inherent in switching regulators since the feedback loop
is saturated due to VOUT being far from its final value. The
regulator tries to charge the output capacitor as quickly as
possible,whichresultsinlargepeakcurrents.Thestart-up
current can be limited by connecting an external capacitor
(typically 100nF to 1µF) to the SS pin. This capacitor is
slowly charged to ~2.1V by an internal 256k resistor once
the part is activated. SS pin voltages below ~0.8V reduce
the internal current limit. Thus, the gradual ramping of
the SS voltage also gradually increases the current limit
as the capacitor charges. This, in turn, allows the output
capacitor to charge gradually toward its final value while
limiting the start-up current. When the switching regula-
tor shuts down the soft-start capacitor is automatically
discharged to ~100mV or less before charging resumes,
thus assuring that the soft-start occurs after every reac-
tivation of the switching regulation.
Power Supplies and Operating Limits
The LT8495 draws supply current from the VIN and BIAS
pins. The largest supply current draw occurs when the
switching regulator is enabled (SWEN is high) and the
powerswitchistogglingonandoff.Underlightloadcondi-
tions the switching regulator enters Burst Mode operation
where the power switch toggles infrequently and the input
current is significantly reduced (see the Low Ripple Burst
Mode Operation section).
Power Switch Driver (PSD) Operating Range: The NPN
power switch is driven by a power switch driver (PSD) as
shown in the Block Diagram. The driver must be powered
by a supply (VIN or BIAS) that is above the minimum op-
erating voltage and below the PSD overvoltage threshold.
Thesevoltagesaretypically2.4Vand34Vrespectively(see
Electrical Characteristics).
If neither VIN nor BIAS is within this operating range, the
PSD and the switching regulator are automatically dis-
abled. Voltages up to 60V are not harmful to the PSD, how-
ever, as discussed, switching regulation is automatically
disabledwhenneitherVINnorBIASisinthevalidoperating
range.SeeTable2forsomeexampleoperatingconditions.
Reset and Watchdog Operating Voltage Limits: The
reset circuits operate properly as long as either VIN or
BIAS is above 1.3V (see Reset Conditions section). The
watchdog timer operates properly when either VIN or BIAS
is between 2.5V and 60V. The table below gives some
example operating conditions.
Table 2: Operating Condition Examples
VIN (V)
BIAS (V)
RESET
CIRCUITS
WATCHDOG
SWITCHING
REGULATOR
0
1.3
X
1.3
0
X
1
40
X
X
40
40
X
X
1
30
X
X
X
12
40
X
X
X
Automatic Power Supply Selection: In order to minimize
power loss, the LT8495 draws as much of its required cur-
rentaspossiblefromthelowestsuitablevoltagesupply(VIN
or BIAS) in accordance with the requirements described
in the previous two sections. This selection is automatic
and can change as VIN and/or BIAS voltages change.
The LT8495 compares the VIN and BIAS voltages to de-
termine which is lower. The comparator has an offset
and hysteresis as shown in the Electrical Characteristics
section. The voltage comparison happens continuously
when the power switch is toggling. The result of the latest
comparison is latched inside the LT8495 when switching
stops. If the power switch is not toggling, the LT8495 uses
the last VIN vs BIAS comparison to determine which sup-
ply is lower. After initial power up or any thermal lockout
the LT8495 always concludes that VIN is the lower supply
voltageuntilsubsequentvoltagecomparisonscanbemade
while the power switch is toggling.
BIAS Connection for SEPIC Converters: For SEPIC con-
verters, where VIN can be above or below VOUT, BIAS is
typicallyconnectedtoVOUTwhichimprovesefficiencywhen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com