Electronic Components Datasheet Search
  English  ▼

X  

LT8495 Datasheet(PDF) 23 Page - Analog Devices

Part # LT8495
Description  SEPIC/Boost Converter with 2A, 70V Switch, 9μA Quiescent Current, POR and Watchdog Timer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8495 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT8495 Datasheet HTML 19Page - Analog Devices LT8495 Datasheet HTML 20Page - Analog Devices LT8495 Datasheet HTML 21Page - Analog Devices LT8495 Datasheet HTML 22Page - Analog Devices LT8495 Datasheet HTML 23Page - Analog Devices LT8495 Datasheet HTML 24Page - Analog Devices LT8495 Datasheet HTML 25Page - Analog Devices LT8495 Datasheet HTML 26Page - Analog Devices LT8495 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
LT8495
23
8495fb
For more information www.linear.com/LT8495
APPLICATIONS INFORMATION
When choosing UVLO%NOM, consider that the transient
response to VOUT load current steps may cause undershoot
of VOUT. Excessive VOUT undershoot can cause RSTIN to
drop below the comparator threshold and activate RST. The
followingequationincludesthemaximumRSTINcomparator
threshold(97%oftheFBreference-seeElectricalCharacter-
istics) to show what the maximum UVLO threshold can be.
UVLO%MAX =UVLO%NOM •
97
92
For example, when choosing UVLO%NOM = 89.5%,
UVLO%MAX = 94.36% of VOUT. Therefore the RST pin may
assert if VOUT undershoots more than 5.64% below its
steady-stateregulatedvoltage.ChoosealowerUVLO%NOM
if more margin is required.
Inaddition,thechoiceofUVLO%NOMaffectstheminimum
possible VOUT voltage before RST is asserted.
UVLO%MIN =UVLO%NOM •
86
92
Forexample,whenusingUVLO%NOM=89.5%,UVLO%MIN
= 83.66% of VOUT. Therefore the RST pin may not assert
unless VOUT is 16.34% below its nominal value. Note that
in terms of absolute VOUT UVLO voltage one must also
consider the tolerance of the FB regulation voltage and
the R1, R2A and R2B resistor tolerances.
In the example shown in Figure 11, VOUT is regulated to
5V. For a desired UVLO% of 89.5%, the calculated R1,
R2A,andR2Bvaluesare316k,8.87k,and1Mrespectively.
POR UVLO: When both VINandBIASaretoolowforproper
LT8495operation(typically<2.4V),theswitchingregulator
and watchdog timers are disabled. For more information
see the Reset Conditions section.
High Temperature Considerations
For higher ambient temperatures, care should be taken in
the layout of the PCB to ensure good heat sinking of the
LT8495. The exposed pad on the bottom of the package
must be soldered to a ground plane. This ground should
be tied to large copper layers below with thermal vias;
these layers will spread heat dissipated by the LT8495.
Placing additional vias can reduce thermal resistance
further. The maximum load current should be derated
as the ambient temperature approaches the maximum
junction rating. Power dissipation within the LT8495 is
estimated by calculating the total power loss from an
efficiency measurement and subtracting the diode loss,
FB resistor loss and inductor loss. The die temperature is
calculated by multiplying the LT8495 power dissipation by
the thermal resistance from junction to ambient.
The power switch and its driver dissipate the most power
in the LT8495 (see Block Diagram). Higher switch cur-
rent, duty cycle and output voltage result in higher die
temperature. Power loss in the Power Switch Driver also
increases with higher input supply voltage. The PSD is
supplied by the lowest suitable voltage on VIN and BIAS.
Connecting BIAS to a low voltage supply, often VOUT, can
reduce the maximum die temperature of the LT8495 (see
Automatic Power Supply Selection section).
Also note that leakage current into the SWEN, RSTIN,
WDE, and FB pins increases at high junction temperatures
(see Typical Performance Characteristics). The potential
leakage current should be considered when choosing high
value resistors connected to those pins.
Thermal Lockout: If the die temperature reaches approxi-
mately 165°C, the part will go into thermal lockout and
the chip will be reset. The part will be enabled again when
the die temperature has dropped by ~5°C (nominal). See
the Reset Conditions section for more details about the
chip’s state during thermal lockout
Fault Tolerance
The LT8495 is designed to tolerate single fault condition in
the TSSOP package. Shorting two adjacent pins together
or leaving one single pin floating does not raise VOUT or
cause damage to the LT8495 regulator.
Figure 12. RSTIN Pin Connection Options
VOUT
R2B
R2A
RSTIN
R1
FB
8495 F12
VOUT
R2
R1
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com