Electronic Components Datasheet Search
  English  ▼

X  

LT8495 Datasheet(PDF) 21 Page - Analog Devices

Part # LT8495
Description  SEPIC/Boost Converter with 2A, 70V Switch, 9μA Quiescent Current, POR and Watchdog Timer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8495 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT8495 Datasheet HTML 17Page - Analog Devices LT8495 Datasheet HTML 18Page - Analog Devices LT8495 Datasheet HTML 19Page - Analog Devices LT8495 Datasheet HTML 20Page - Analog Devices LT8495 Datasheet HTML 21Page - Analog Devices LT8495 Datasheet HTML 22Page - Analog Devices LT8495 Datasheet HTML 23Page - Analog Devices LT8495 Datasheet HTML 24Page - Analog Devices LT8495 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
LT8495
21
8495fb
For more information www.linear.com/LT8495
APPLICATIONS INFORMATION
• RSTIN Undervoltage Lockout: The open-drain RST pin
is asserted low if the RSTIN input is below the 1.1V
typical threshold (see Electrical Characteristics). This
function enables the use of an external resistor divider
to configure an under voltage detection circuit. This
reset condition has no effect on the switching regulator
or the watchdog timer. See the Undervoltage Lockouts
section for more information.
A programmable timer delays the release of RST by tRST
after all of the above reset conditions are no longer met.
Before releasing RST, the external CPOR capacitor ramps
up and down for four cycles creating the tRST delay
(see Figure 8). To program the tRST period, see the Reset
Timeout Period vs Capacitance graphs in the Typical Char-
acteristics section to select CPOR. The required capacitor
value can also be calculated from a given reset timeout
period by using the following equation:
CPOR = K4 • tRST
where CPOR is the external capacitor value in nF. tRST is
the reset timeout period in ms, and K4 is their ratio with
typicalvaluesshowninFigure9,K4canbeapproximatedas
0.51nF/msforresettimeoutperiodsgreaterthan15ms.As
described previously, this same timer is used to determine
how long WDO is asserted low during a watchdog timeout.
As an example, to create a 9.5ms tRST timeout period,
choose a CPOR capacitor value of 4.7nF. Leaving the
CPOR pin unconnected will generate a tRST period of
approximately 40μs. The maximum period is limited by
the largest available low leakage capacitor. The Electrical
Characteristics section indicates the guaranteed toler-
ance of the timeout period for a given capacitance. The
accuracy of the timeout period will also be affected by
capacitor leakage (the nominal charging current is 2.3μA)
and capacitor tolerance. A low leakage ceramic capacitor
is recommended.
As discussed previously, WDO is asserted low for a pe-
riod of tRST after a watchdog error occurs. This period is
measured by counting four cycles on the CPOR pin in the
same way that the reset delay is measured. If a watchdog
timeout occurs at the same time as the reset delay period,
the watchdog takes priority in the counter. Therefore,
WDO is always asserted low for four cycles of the CPOR
pin, while the RST delay may be extended beyond four
cycles to a maximum of six cycles, thus increasing tRST
by up to 50%.
FinallynotethatthetRSTdelayontheRSTpindoesnotaffect
the switching regulator or watchdog timer. The switching
regulator and/or watchdog timer will start right after the
part is no longer in the POR or thermal lockout condition.
Undervoltage Lockouts
Undervoltage lockout (UVLO) functions can be imple-
mented using the SWEN and/or RSTIN pins. An under-
voltage lockout can shut down appropriate circuitry to
prevent undesired operation when input and/or output
voltages are too low.
Figure 8. Reset Timer Waveforms
Figure 9. Reset Timer Parameter
20ms/DIV
RSTIN
5V/DIV
RST
5V/DIV
tRST = 93ms, CPOR = 47nF
CPOR
500mV/DIV
8495 F08
RESET TIMEOUT PERIOD, tRST(ms)
0.1
1
10
100
1k
0.2
0.3
0.4
0.5
0.6
8495 F09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com