Electronic Components Datasheet Search
  English  ▼

X  

LT8495 Datasheet(PDF) 9 Page - Analog Devices

Part # LT8495
Description  SEPIC/Boost Converter with 2A, 70V Switch, 9μA Quiescent Current, POR and Watchdog Timer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8495 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT8495 Datasheet HTML 5Page - Analog Devices LT8495 Datasheet HTML 6Page - Analog Devices LT8495 Datasheet HTML 7Page - Analog Devices LT8495 Datasheet HTML 8Page - Analog Devices LT8495 Datasheet HTML 9Page - Analog Devices LT8495 Datasheet HTML 10Page - Analog Devices LT8495 Datasheet HTML 11Page - Analog Devices LT8495 Datasheet HTML 12Page - Analog Devices LT8495 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
LT8495
9
8495fb
For more information www.linear.com/LT8495
PIN FUNCTIONS (QFN/TSSOP)
SS(Pin1/Pin8):Soft-StartPin.Placeasoft-startcapacitor
on this pin. Upon start-up, the SS pin will be charged by
a (nominally) 256k resistor to about 2.1V.
RT (Pin 2/Pin 10): Oscillator Frequency Set Pin. Place a
resistor from this pin to ground to set the internal oscil-
lator frequency. Minimize capacitance on this pin. See the
Applications Information section for more details.
GND (Pins 3, 4, 11, 13, 14, 15, Exposed Pad 21/Pin 14,
Exposed Pad 21): Ground. Solder all pins and the exposed
pad directly to the local ground plane. The exposed pad
metal of the package provides both electrical contact to
ground and good thermal contact to the printed circuit
board.
NC (Pins 4, 9, 17, 19, TSSOP only): No Connects: These
pins are not connected to internal circuitry and must be
left floating to ensure fault tolerance.
RSTIN (Pin 5/Pin 11): Reset Input Reference. Connect
a resistor divider to RSTIN to set the threshold voltage
for asserting RST. The RSTIN voltage is compared to an
internal 1.1V reference. RSTIN voltages lower than the
reference cause RST to assert low.
SWEN (Pin 6/Pin 12): Switch Enable Detect Pin. This pin
enables/disables the switching regulator and soft-start. A
resistor divider can be connected to SWEN to perform an
undervoltage lockout function.
WDE (Pin 7/Pin 13): Watchdog Timer Enable Pin. Drive
above 1.1V to enable the watchdog timer function. When
WDE is low, the WDO output driver is disabled causing
the pin to be high impedance.
WDO (Pin 8/Pin 15): Watchdog Out. Active low, open-
drain output. WDO asserts low if WDE is enabled and the
microcontroller fails to drive the WDI pin of the LT8495
with the appropriate signal.
WDI (Pin 9/Pin 16): Watchdog Timer Input Pin. This pin
receives the watchdog signal from a microcontroller. If
the appropriate signal is not received, WDO will pulse low
for a period equal to the reset delay timer period (tRST).
VIN (Pin 10/Pin 18): Supply Input Pin. This pin is typically
connected to the input of the DC/DC converter. Must be
locally bypassed.
SW (Pin 12/Pin 20): Switch Pin. This is the collector of
the internal NPN power switch. Minimize trace area con-
nected to this pin to minimize EMI.
BIAS (Pin 16/Pin 1): Supply Input Pin. This pin is typi-
cally connected to the output of the DC/DC converter in
cases where VIN can be higher than VOUT. Must be locally
bypassed.
FB (Pin 17/Pins 2, 3): Output Voltage Feedback Pin. The
LT8495 regulates the FB pin to 1.202V. Connect a resis-
tor divider between the output, FB and GND to set the
regulated output voltage.
CPOR (Pin 18/Pin 5): WDO and RST Active Delay Period
Programming Pin. Attach an external capacitor (CPOR) to
GND to set the period (tRST). See the Applications Infor-
mation section for more information.
CWDT (Pin 19/Pin 6): Watchdog Timer Programming Pin.
Place a capacitor (CWDT) between this pin and ground to
adjust the watchdog timer upper (tWDU) and lower (tWDL)
boundaryperiods.SeetheApplicationsInformationsection
for more information.
RST(Pin20/Pin7):ActiveLow,Open-DrainReset.Asserts
low when RSTIN is less than ~1.1V (see Electrical Charac-
teristics). After RSTIN rises, RST will remain asserted low
for the period (tRST) set by the capacitor on the CPOR pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com