Electronic Components Datasheet Search
  English  ▼

X  

LT8495 Datasheet(PDF) 30 Page - Analog Devices

Part # LT8495
Description  SEPIC/Boost Converter with 2A, 70V Switch, 9μA Quiescent Current, POR and Watchdog Timer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8495 Datasheet(HTML) 30 Page - Analog Devices

Back Button LT8495 Datasheet HTML 26Page - Analog Devices LT8495 Datasheet HTML 27Page - Analog Devices LT8495 Datasheet HTML 28Page - Analog Devices LT8495 Datasheet HTML 29Page - Analog Devices LT8495 Datasheet HTML 30Page - Analog Devices LT8495 Datasheet HTML 31Page - Analog Devices LT8495 Datasheet HTML 32Page - Analog Devices LT8495 Datasheet HTML 33Page - Analog Devices LT8495 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
LT8495
30
8495fb
For more information www.linear.com/LT8495
450kHz, 5V Output SEPIC Converter
(Same as Front Page Application)
1.5MHz, 12V Output SEPIC Converter
Efficiency, VIN = 12V
TYPICAL APPLICATIONS
•
•
VIN
3V TO 60V
(3V TO 32V FOR START-UP)
VIN
SWEN
SW
BIAS
CPOR
CWDT
C1, C3: 2.2µF, 100V, X5R, 1206
C2: TAIYO YUDEN, EMK325BJ476MM-T
D1: ONSEMI MBRA2H100
L1, L2: COILTRONICS DRQ125-150-R
FB
GND
WDE
LT8495
WDI
RSTIN
WDO
RST
SS
RT
C1
2.2µF
C3
2.2µF
D1
L1
15µH
L2
15µH
VOUT
5V
0.4A (VIN = 3V)
0.6A (VIN = 5V)
1.0A (VIN > 12V)
C2
47µF ×2
316k
8495 TA07
µC
1M
8.87k
4.7pF
169k
1nF
1µF
4.7nF
•
•
VIN
9V TO 16V
VIN
SWEN
SW
BIAS
CPOR
CWDT
C1, C3: 2.2µF, 50V, X5R, 1206
C2: TAIYO YUDEN, TMK325BJ106MM
D1: CENTRAL SEMI CMMSH2-40
L1, L2: COILTRONICS DRQ74-4R7
FB
GND
WDE
LT8495
WDI
RSTIN
WDO
RST
SS
RT
C1
2.2µF
C3
2.2µF
D1
L1
4.7µH
L2
4.7µH
VOUT
12V
0.5A
C2
10µF ×2
110k
8495 TA08a
µC
1M
3.09k
47pF
41.2k
1nF
1µF
4.7nF
POWER LOSS
EFFICIENCY
LOAD CURRENT (mA)
0
100
200
300
400
500
50
55
60
65
70
75
80
85
90
0
300
8495 TA08b
600
900
1200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com