Electronic Components Datasheet Search
  English  ▼

X  

LT8495 Datasheet(PDF) 11 Page - Analog Devices

Part # LT8495
Description  SEPIC/Boost Converter with 2A, 70V Switch, 9μA Quiescent Current, POR and Watchdog Timer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8495 Datasheet(HTML) 11 Page - Analog Devices

Back Button LT8495 Datasheet HTML 7Page - Analog Devices LT8495 Datasheet HTML 8Page - Analog Devices LT8495 Datasheet HTML 9Page - Analog Devices LT8495 Datasheet HTML 10Page - Analog Devices LT8495 Datasheet HTML 11Page - Analog Devices LT8495 Datasheet HTML 12Page - Analog Devices LT8495 Datasheet HTML 13Page - Analog Devices LT8495 Datasheet HTML 14Page - Analog Devices LT8495 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
LT8495
11
8495fb
For more information www.linear.com/LT8495
TIMING DIAGRAMS
Start-Up Timing
RSTIN Timing
Watchdog Timing, Upper Boundary
2.4V
1.202V
0.2V
8495 TD01
tSTARTUP
tRST
tDW
1.3V
VIN
SS
CPOR
CWDT
RST
WDO
RSTIN
RST
1.1V
tUV
tRST 8495 TD02
tSTARTUP = TIME REQUIRED TO START UP THE CHIP, APPROXIMATELY 1ms
tDW = TIME REQUIRED TO START UP THE WATCHDOG OR POR TIMER, APPROXIMATELY 200µs
tUV = TIME REQUIRED TO ASSERT RST LOW AFTER RSTIN GOES BELOW ITS THRESHOLD, APPROXIMATELY 23µs
tRST = PROGRAMMED RESET PERIOD
tWDU = WATCHDOG UPPER BOUNDARY PERIOD, APPROXIMATELY 31 RAMPING CYCLES ON CWDT PIN
tWDL = WATCHDOG LOWER BOUNDARY PERIOD, APPROXIMATELY 1 RAMPING CYCLE ON CWDT PIN
tWDU
WDI
WDO
CWDT
8495 TD03
tRST
tWDL
tRST
t < tWDL
WDI
8495 TD02a
CWDT
WDO
Watchdog Timing, Lower Boundary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com