Electronic Components Datasheet Search
  English  ▼

X  

LT8495 Datasheet(PDF) 5 Page - Analog Devices

Part # LT8495
Description  SEPIC/Boost Converter with 2A, 70V Switch, 9μA Quiescent Current, POR and Watchdog Timer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8495 Datasheet(HTML) 5 Page - Analog Devices

  LT8495 Datasheet HTML 1Page - Analog Devices LT8495 Datasheet HTML 2Page - Analog Devices LT8495 Datasheet HTML 3Page - Analog Devices LT8495 Datasheet HTML 4Page - Analog Devices LT8495 Datasheet HTML 5Page - Analog Devices LT8495 Datasheet HTML 6Page - Analog Devices LT8495 Datasheet HTML 7Page - Analog Devices LT8495 Datasheet HTML 8Page - Analog Devices LT8495 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
LT8495
5
8495fb
For more information www.linear.com/LT8495
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Waveforms, Full
Frequency Continuous Operation
Switching Waveforms,
Burst Mode Operation
Transient Load Response; Load
Current Is Stepped from 20mA
(Burst Mode Operation) to 220mA
Transient Load Response; Load
Current Is Stepped from 300mA
to 500mA
Maximum Load Current
No Load Supply Current
Load Regulation
TA = 25°C, unless otherwise noted.
FRONT PAGE APPLICATION
VIN=12V
TEMPERATURE (°C)
–50
–10
30
70
110
150
0
20
40
60
80
100
8495 G01
FRONT PAGE APPLICATION
TYPICAL
MINIMUM
VIN (V)
0
12
24
36
48
60
0.0
0.5
1.0
1.5
2.0
2.5
8495 G02
VIN=12V
FRONT PAGE APPLICATION
REFERENCED TO VOUT AT 100mA LOAD
LOAD CURRENT (mA)
0
200
400
600
800
1000
–0.15
–0.10
–0.05
–0.00
0.05
0.10
0.15
LT8495 G03
10ms/DIV
FRONT PAGE APPLICATION
VIN = 12V
VOUT = 5V
ILOAD = 20mA
VSW
10V/DIV
VOUT
5mV/DIV
IL
0.5A/DIV
8495 G04
500µs/DIV
FRONT PAGE APPLICATION
VIN = 12V
VOUT = 5V
VOUT
50mV/DIV
IL
0.5A/DIV
8495 G06
500µs/DIV
FRONT PAGE APPLICATION
VIN = 12V
VOUT = 5V
VOUT
100mV/DIV
IL
0.5A/DIV
8495 G07
1µs/DIV
FRONT PAGE APPLICATION
VIN = 12V
VOUT = 5V
ILOAD = 0.5A
VSW
10V/DIV
VOUT
5mV/DIV
IL
0.5A/DIV
8495 G05
8495 G08
DUTY CYCLE (%)
10
20
30
40
50
60
70
80
90
0.0
0.5
1.0
1.5
2.0
2.5
3.0
TEMPERATURE (°C)
–50
0.0
2.5
2.0
1.5
1.0
0.5
3.0
100
150
0
8495 G09
50
Switch Current Limit at 500kHz
Switch Current Limit at Minimum
Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com