Electronic Components Datasheet Search
  English  ▼

X  

LT8495 Datasheet(PDF) 7 Page - Analog Devices

Part # LT8495
Description  SEPIC/Boost Converter with 2A, 70V Switch, 9μA Quiescent Current, POR and Watchdog Timer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8495 Datasheet(HTML) 7 Page - Analog Devices

Back Button LT8495 Datasheet HTML 3Page - Analog Devices LT8495 Datasheet HTML 4Page - Analog Devices LT8495 Datasheet HTML 5Page - Analog Devices LT8495 Datasheet HTML 6Page - Analog Devices LT8495 Datasheet HTML 7Page - Analog Devices LT8495 Datasheet HTML 8Page - Analog Devices LT8495 Datasheet HTML 9Page - Analog Devices LT8495 Datasheet HTML 10Page - Analog Devices LT8495 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
LT8495
7
8495fb
For more information www.linear.com/LT8495
TYPICAL PERFORMANCE CHARACTERISTICS
Reset Timeout Period
TA = 25°C, unless otherwise noted.
TEMPERATURE (°C)
–50
8
11
10
9
12
100
150
0
8495 G19
50
CPOR = 4.7nF
TDK
C2012COG1H472J
CWDT PIN CAPACITANCE, CWDT (nF)
0.01
0.1
1
10
100
1000
0.1
1
10
100
1k
10k
100k
8495 G20
Reset Timeout Period
vs Capacitance
Watchdog Lower Boundary Period
vs Capacitance
Watchdog Upper Boundary Period
vs Capacitance
CPOR PIN CAPACITANCE, CPOR (nF)
0.01
0.1
1
10
100
1000
0.1
1
10
100
1k
10k
8495 G21
CWDT PIN CAPACITANCE, CWDT (nF)
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
100
1k
8495 G22
SWEN/RSTIN/WDE Pin Current
FB Pin Current
SWEN/RSTIN/WDE PIN VOLTAGE (V)
0
0
250
350
300
200
150
100
50
400
50
40
30
60
10
8495 G23
20
FB VOLTAGE (V)
0
0.001
10
100
1
0.1
0.01
1000
50
40
30
60
10
8495 G24
20
RST Output Voltage
vs Supply Voltage
VIN/BIAS VOLTAGE (V)
0
0
2
3
1
3
1
8495 G25
2
10k PULL-UP FROM VIN TO RST
Internal UVLO
TEMPERATURE (°C)
–50
2.30
2.40
2.45
2.50
2.35
150
100
0
8495 G26
50
VIN/BIAS RISING
VIN/BIAS FALLING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com