Electronic Components Datasheet Search
  English  ▼

X  

LT8495 Datasheet(PDF) 1 Page - Analog Devices

Part # LT8495
Description  SEPIC/Boost Converter with 2A, 70V Switch, 9μA Quiescent Current, POR and Watchdog Timer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8495 Datasheet(HTML) 1 Page - Analog Devices

  LT8495 Datasheet HTML 1Page - Analog Devices LT8495 Datasheet HTML 2Page - Analog Devices LT8495 Datasheet HTML 3Page - Analog Devices LT8495 Datasheet HTML 4Page - Analog Devices LT8495 Datasheet HTML 5Page - Analog Devices LT8495 Datasheet HTML 6Page - Analog Devices LT8495 Datasheet HTML 7Page - Analog Devices LT8495 Datasheet HTML 8Page - Analog Devices LT8495 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
LT8495
1
8495fb
For more information www.linear.com/LT8495
TYPICAL APPLICATION
FEATURES
DESCRIPTION
SEPIC/Boost Converter with
2A, 70V Switch, 9µA Quiescent
Current, POR and Watchdog Timer
TheLT®8495isanadjustablefrequency(250kHzto1.5MHz)
monolithic switching regulator with a power-on reset and
watchdog timer. Quiescent current can be less than 9µA
whenoperatingandis~0.3µAwhenSWEN,WDEandRSTIN
are low. Configurable as a SEPIC, boost or flyback con-
verter, the low ripple Burst Mode operation maintains high
efficiency at low output current while keeping output
ripple below 10mV. Dual supply pins (VIN and BIAS) allow
the part to automatically operate from the most efficient
supply. Input supply voltage can be up to 60V for SEPIC
topologies and up to 32V (with ride-through up to 60V)
for boost and flyback topologies. After start-up, battery
life is extended since the part can draw current from its
output (BIAS) even when VIN voltage drops below 2.5V.
The reset and watchdog timeout periods are independently
adjustableusingexternalcapacitors.Usingaresistordivider
on the SWEN pin provides a programmable undervoltage
lockout(UVLO)fortheconverter.Aresistordividerconnected
to RSTIN provides UVLO control that asserts the RST pin.
Additional features such as frequency foldback and soft-
start are integrated. Fault tolerance in the TSSOP allows
for adjacent pin shorts or an open without raising the
output voltage above its programmed value. The LT8495
is available in 20-lead QFN and 20-lead TSSOP packages
with exposed pads for low thermal resistance.
No-Load Supply Current
Efficiency
450kHz, 5V Output SEPIC Converter
APPLICATIONS
n
Wide Input Voltage Range of ~1V to 60V
(2.5V to 32V for Start-Up)
n
Low Ripple Burst Mode® Operation
n
9µA IQ at 12VIN to 5.0VOUT
n
Output Ripple (<10mV Typ.)
n
Dual Supply Pins:
n
Improves Efficiency
n
Reduces Minimum Supply Voltage to ~1V after
Start-Up to Extend Battery Life
n
Integrated 2A/70V Power Switch
n
Programmable Watchdog Timer Can Operate When
VIN Supply Is Removed
n
Programmable Power-On Reset Timer (POR) with
RST Functional for Input Supply Down to 1.3V
n
FMEA Fault Tolerant in TSSOP Package
n
Fixed Frequency PWM, SEPIC/BOOST/FLYBACK
Topologies
n
Programmable Switching Frequency:
250kHz to 1.5MHz
n
UVLO Programmable on SWEN and RSTIN Pins
n
Soft-Start Programmable with One Capacitor
n
Small 20-Lead QFN or 20-Lead TSSOP Packages
n
Automotive ECU Power
n
Power for Portable Products
n
Industrial Supplies
L
, LT, LTC, LTM, Linear Technology, the Linear logo and Burst Mode are registered trademarks
of Analog Devices, Inc. All other trademarks are the property of their respective owners.
2.2µF
15µH
•
15µH
47µF
×2
1µF
4.7nF
1nF
VIN
3V TO 60V
VOUT
5V
0.35A (VIN = 3V)
0.6A (VIN = 5V)
1.0A (VIN >12V)
SW
BIAS
RSTIN
GND
FB
WDO
WDE
RST
WDI
VIN
SWEN
CWDT
CPOR
SS
RT
1M
8.87k
316k
8495 TA01a
169k
µC
LT8495
•
4.7pF
2.2µF
WATCHDOG ENABLED
WATCHDOG DISABLED
INPUT VOLTAGE (V)
0
12
24
36
48
60
0
5
10
15
20
25
8495 TA01b
VIN = 12V
VIN = 24V
VIN = 5V
LOAD CURRENT (A)
0.0
0.2
0.4
0.6
0.8
1.0
60
65
70
75
80
85
90
8495 TA01c


Similar Part No. - LT8495

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8495 LINER-LT8495 Datasheet
335Kb / 6P
SEPIC/Boost Converter with 2A, 70V Switch, 9關A Quiescent Current, POR and Watchdog Timer
LT8495 LINER-LT8495_15 Datasheet
1,005Kb / 34P
SEPIC/Boost Converter with 2A, 70V Switch, 9A Quiescent Current, POR and Watchdog Timer
More results

Similar Description - LT8495

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3957 LINER-LT3957 Datasheet
365Kb / 28P
Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957 LINER-LT3957_15 Datasheet
369Kb / 28P
Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A_15 Datasheet
559Kb / 28P
Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT8495 LINER-LT8495_15 Datasheet
1,005Kb / 34P
SEPIC/Boost Converter with 2A, 70V Switch, 9A Quiescent Current, POR and Watchdog Timer
LT8495 LINER-LT8495 Datasheet
335Kb / 6P
SEPIC/Boost Converter with 2A, 70V Switch, 9關A Quiescent Current, POR and Watchdog Timer
LT8361 LINER-LT8361 Datasheet
1Mb / 28P
Low IQ Boost/SEPIC/ Inverting Converter with 2A, 100V Switch
LT3957A LINER-LT3957A Datasheet
559Kb / 28P
Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT8335 LINER-LT8335 Datasheet
1Mb / 20P
Low IQ Boost/SEPIC/ Inverting Converter with 2A, 28V Switch
LT8362 LINER-LT8362 Datasheet
2Mb / 32P
Low IQ Boost/SEPIC/ Inverting Converter with 2A, 60V Switch
LT8494 LINER-LT8494 Datasheet
605Kb / 26P
SEPIC/Boost DC/DC Converter with 2A, 70V Switch, and 7關A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com