Electronic Components Datasheet Search
  English  ▼

X  

LT8495 Datasheet(PDF) 22 Page - Analog Devices

Part # LT8495
Description  SEPIC/Boost Converter with 2A, 70V Switch, 9μA Quiescent Current, POR and Watchdog Timer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8495 Datasheet(HTML) 22 Page - Analog Devices

Back Button LT8495 Datasheet HTML 18Page - Analog Devices LT8495 Datasheet HTML 19Page - Analog Devices LT8495 Datasheet HTML 20Page - Analog Devices LT8495 Datasheet HTML 21Page - Analog Devices LT8495 Datasheet HTML 22Page - Analog Devices LT8495 Datasheet HTML 23Page - Analog Devices LT8495 Datasheet HTML 24Page - Analog Devices LT8495 Datasheet HTML 25Page - Analog Devices LT8495 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
LT8495
22
8495fb
For more information www.linear.com/LT8495
APPLICATIONS INFORMATION
+
–
2.1V
LT8495
1.00V
SS
8495 F10
SWEN
256k
R3
487k
R4
1M
VC
VIN
Figure 10. VIN Undervoltage Lockout
InputUVLO:ConnectingaresistordividerfromVINtoSWEN
(see Figure 10) implements an input undervoltage lockout
circuit. SWEN has an accurate rising threshold of 1.0V
with 30mV of hysteresis (typical–see Electrical Specifica-
tions). By connecting a resistor divider from VIN to SWEN,
the LT8495 will be programmed to disable the switching
regulator when VIN drops below a desired threshold. Typi-
cally, this threshold is used in situations where the input
supply is current limited, or has a relatively high source
resistance. A switching regulator draws constant power
from the source, so source current increases as source
voltage drops. This looks like a negative resistance load
to the source and can cause the source to current limit or
latch low under low source voltage conditions. The input
UVLO prevents the regulator from operating at source
voltages where the problems might occur.
As shown in Figure 10, by connecting a resistor divider
fromVINtoSWEN,thefallingundervoltagelockoutthresh-
old is set to:
VIN(UVLO) =
R3
+R4
R3
•0.97V
From the previous equation, the resistor divider shown in
Figure 10 gives the VIN pin a falling undervoltage lockout
threshold of 2.96V. When VIN is below this threshold, the
switching regulation is disabled and the SS pin starts to
discharge. After choosing the value of R3, for example,
R4 can be calculated using:
R4
=R3•
VIN(UVLO)
0.97
–1
⎛
⎝⎜
⎞
⎠⎟
Ω
Figure 11. RSTIN Reset Lockout
2.3µA
23µA
8495 F11
1.202V
1.10V
VC
FB
VOUT
R1
316k
R2B
1M
LT8495
RSTIN
CPOR
EN
VDD
µC
CPOR
VOUT
RST
POR
TIMER
R2A
8.87k
Output UVLO: Connecting the RST and RSTIN pins as
shown in Figures 11 and 12 implements an output under-
voltage lock out (UVLO) circuit. This circuit resets VOUT
powered devices when VOUT is below a desired voltage by
asserting the open drain RST pin low. Note that a pull-up
resistor is required on the RST pin, but might already be
integrated in the μC. There is typically a 23µs delay from
the RSTIN pin falling edge until RST is asserted low (see
Electrical Characteristics section) for glitch immunity of
the RSTIN pin. After RSTIN rises above its threshold, RST
continues to be asserted low for a delayed time program-
mable by the CPOR pin capacitor.
As shown in Figure 12, the R2 resistor (calculated in the
Setting the Output Voltage section) is divided into two re-
sistors, R2A & R2B to implement the UVLO function. Next,
the following equations are used to calculate their values.
R2A
=R1•
92%
UVLO%NOM
–1
⎛
⎝⎜
⎞
⎠⎟
R2B
=R2–R2A
where UVLO%NOM is the desired nominal UVLO threshold
voltage as a percentage of the nominal VOUT. UVLO%NOM
isrecommendedtobe89.5%orlessformostapplications.
Continue reading for more information about selecting
UVLO%NOM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com