Electronic Components Datasheet Search
  English  ▼

X  

LT8495 Datasheet(PDF) 20 Page - Analog Devices

Part # LT8495
Description  SEPIC/Boost Converter with 2A, 70V Switch, 9μA Quiescent Current, POR and Watchdog Timer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8495 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT8495 Datasheet HTML 16Page - Analog Devices LT8495 Datasheet HTML 17Page - Analog Devices LT8495 Datasheet HTML 18Page - Analog Devices LT8495 Datasheet HTML 19Page - Analog Devices LT8495 Datasheet HTML 20Page - Analog Devices LT8495 Datasheet HTML 21Page - Analog Devices LT8495 Datasheet HTML 22Page - Analog Devices LT8495 Datasheet HTML 23Page - Analog Devices LT8495 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
LT8495
20
8495fb
For more information www.linear.com/LT8495
APPLICATIONS INFORMATION
Figure 7. Watchdog Monitoring
The watchdog lower boundary period (tWDL) has a fixed
relationship to tWDU for a given CWDT capacitance. The
tWDLperiodisrelatedtotWDUbythefollowingrelationship:
tWDU = K3 • tWDL
where K3 is the ratio between upper and lower boundary
with typical values shown in Figure 6.
Leaving the CWDT pin unconnected will generate a mini-
mumwatchdogtimeoutofapproximately270μs.Maximum
timeout is limited by the largest available low leakage
capacitor. The Electrical Characteristics section indicates
the guaranteed tolerance of the timeout period for a given
capacitance. The accuracy of the timeout period will also
be affected by capacitor leakage (the nominal charging
current is 2.3μA) and capacitor tolerance. A low leakage
ceramic capacitor is recommended.
Watchdog Timer Start-Up: There are several conditions
when the WDI pin is not monitored by the watchdog timer.
For each condition, the start-up or resumption of WDI pin
monitoring occurs as described below:
• The watchdog timer is disabled during the POR or
thermal lockout. After POR and thermal lockout are
cleared, CWDT will begin ramping from 0V. The WDI
edges are ignored while the CWDT charges from 0V to
~200mV.
• The watchdog is disabled when WDE is low. After WDE
rises, CWDT may require 1µs to 100μs (typical) before
starting to ramp up. The WDI edges are ignored until
the CWDT charges from 0V to ~200mV.
• WDIedgesarenotmonitoredwhileWDOisassertedlow.
Four CPOR cycles are required before WDO is released
and CWDT begins ramping up. The WDI edges are
ignored until the CWDT charges from 0V to ~200mV.
If desired, the RST pin can be connected to WDE to enable
thewatchdogtimerataboutthesametimeRSTisreleased.
For the example shown in Figure 7, RST is connected to
WDE. After the chip starts up, the output voltage ramps
up towards 5V for the microcontroller supply. When VOUT
risesabove4.5V,andthusRSTINrisesabove1.1V,theRST
and WDE pins will be held low for the additional period of
+
–
1.10V
RST
WDE
CPOR
LT8495
CWDT
WDI
8495 F07
WDO
RSTIN
1.00V
374k
VOUT
121k
RST
WDO
WDI
VDD
µC
WATCHDOG
TIMER
POR
TIMER
+
–
tRST. After tRST, RST is released and WDE will pull high,
thus enabling the microcontroller and the watchdog timer
at about the same time.
Reset Conditions
TheLT8495hasthreeresetconditionsasdescribedbelow.
All of these conditions can cause the open-drain RST pin
to pull low, as long as either VIN or BIAS is above 1.3V. A
pull-up resistor can be connected to the RST pin so that
it can be used as a reset for an external microcontroller
or other devices. An adjustable timer delays the release
of RST by tRST to ensure adequate reset duration for the
external devices.
The three reset conditions are as follows:
• POR: The RST pin is asserted if VIN and BIAS are both
below 2.4V (typical). This is the power-on reset con-
dition which causes RST to assert upon initial power
up of the LT8495 (see Timing Diagrams). Under this
condition the switching regulator and watchdog timer
are disabled and the CWDT, CPOR, and SS capacitors
are discharged to ground.
• Thermal Lockout: An overtemperature condition on
the LT8495 die will cause the RST pin to assert low.
See High Temperature Considerations section for ad-
ditionalinformation.Thisconditiondisablestheswitch-
ing regulator, the watchdog timer and discharges the
CWDT, CPOR, and SS capacitors to ground. See Thermal
Lockout section for additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com