Electronic Components Datasheet Search
  English  ▼

X  

LT8495 Datasheet(PDF) 16 Page - Analog Devices

Part # LT8495
Description  SEPIC/Boost Converter with 2A, 70V Switch, 9μA Quiescent Current, POR and Watchdog Timer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8495 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT8495 Datasheet HTML 12Page - Analog Devices LT8495 Datasheet HTML 13Page - Analog Devices LT8495 Datasheet HTML 14Page - Analog Devices LT8495 Datasheet HTML 15Page - Analog Devices LT8495 Datasheet HTML 16Page - Analog Devices LT8495 Datasheet HTML 17Page - Analog Devices LT8495 Datasheet HTML 18Page - Analog Devices LT8495 Datasheet HTML 19Page - Analog Devices LT8495 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
LT8495
16
8495fb
For more information www.linear.com/LT8495
APPLICATIONS INFORMATION
Current Rating: Finally, the inductor(s) must have a rating
greater than its peak operating current to prevent inductor
saturation resulting in efficiency loss.
In steady state, the peak and average input inductor cur-
rents (continuous conduction mode only) is given by:
IL1(PEAK) =
VOUT •IOUT
VIN • η
+
VIN •DC
2•L1• f
IL1(AVG) =
VOUT •IOUT
VIN • η
for the boost and uncoupled inductor SEPIC topology.
For uncoupled SEPIC topologies, the peak and average
currents of the output inductor L2 is given by:
IL2(PEAK) =IOUT +
VOUT • 1–DC
(
)
2•L2• f
IL2(AVG) =IOUT
For the coupled inductor SEPIC:
IL(PEAK) =IOUT • 1+
VOUT
VIN • η
⎡
⎣
⎢
⎤
⎦
⎥+
VIN •DC
2•L • f
IL(AVG) =IOUT • 1+
VOUT
VIN • η
⎡
⎣
⎢
⎤
⎦
⎥
Note:Inductorcurrentcanbehigherduringloadtransients.
It can also be higher during short circuit and start-up if
inadequate soft-start capacitance is used. Thus, IL(PEAK)
may be higher than the switch current limit of 2.95A, and
theRMSinductorcurrentisapproximatelyequaltoIL(AVG).
Choose an inductor having sufficient saturation current
and RMS current ratings.
Capacitor Selection
Low ESR (equivalent series resistance) capacitors should
be used at the output to minimize the output ripple voltage.
Multilayer ceramic capacitors are an excellent choice, as
they have an extremely low ESR and are available in very
small packages. X5R or X7R dielectrics are preferred, as
these materials retain their capacitance over wider voltage
and temperature ranges. Always use a capacitor with a
sufficient voltage rating. Many capacitors rated at 2.2µF
to 20µF, particularly 0805 or 0603 case sizes, have greatly
reduced capacitance at the desired output voltage. Solid
tantalum or OS-CON capacitors can be used, but they will
occupy more board area than a ceramic and will have a
higher ESR with greater output ripple.
Ceramic capacitors also make a good choice for the input
decouplingcapacitor,whichshouldbeplacedascloselyas
possible to the VIN and BIAS pins of the LT8495. A 2.2µF
to 4.7µF input capacitor is sufficient for most applications.
Audible Noise
Ceramic capacitors are small, robust and have very low
ESR. However, due to their piezoelectric nature, ceramic
capacitors can sometimes create audible noise when used
with the LT8495. During Burst Mode operation, the LT8495
regulator’sswitchingfrequencydependsontheloadcurrent,
and at very light loads the regulator can excite the ceramic
capacitor at audio frequencies, generating audible noise.
Since LT8495 operates at a lower current limit during Burst
Mode operation, the noise is typically very quiet. If this is
unacceptable,useahighperformancetantalumorelectrolytic
capacitor at the output.
Diode Selection
The diode used in boost or SEPIC topologies conducts cur-
rent only during switch off-time. During switch on-time, the
diodehasreversevoltageacrossit.Thepeakreversevoltage
is equal to VOUT in the boost topology and equal to (VOUT +
VIN) in the SEPIC topology. Use a diode with a reverse volt-
age rating greater than the peak reverse voltage.
An additional consideration is the reverse leakage current.
The leakage current appears to the output as load current
and affects the efficiency, most noticeably, under light load
conditions. In Burst Mode operation, after the inductor cur-
rent vanishes, the reverse voltage across the boost diode is
approximately equal to VOUT – VIN intheboosttopologyand
VOUT in the SEPIC topology. The percentage of time that the
diode is reverse biased increases as load current decreases.
Schottky diodes that have larger forward voltages often
have less leakage, so a trade-off exists between light load
andhighloadefficiency.AlsotheSchottkydiodeswithlarger
reverse bias ratings may have less leakage at a given output
voltage, therefore, superior leakage performance can be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com