Electronic Components Datasheet Search
  English  ▼

X  

LT8495 Datasheet(PDF) 19 Page - Analog Devices

Part # LT8495
Description  SEPIC/Boost Converter with 2A, 70V Switch, 9μA Quiescent Current, POR and Watchdog Timer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8495 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT8495 Datasheet HTML 15Page - Analog Devices LT8495 Datasheet HTML 16Page - Analog Devices LT8495 Datasheet HTML 17Page - Analog Devices LT8495 Datasheet HTML 18Page - Analog Devices LT8495 Datasheet HTML 19Page - Analog Devices LT8495 Datasheet HTML 20Page - Analog Devices LT8495 Datasheet HTML 21Page - Analog Devices LT8495 Datasheet HTML 22Page - Analog Devices LT8495 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
LT8495
19
8495fb
For more information www.linear.com/LT8495
APPLICATIONS INFORMATION
Figure 3. Timeout Watchdog Waveforms
Thus, the WDI period should be higher than tWDL, and
lower than tWDU to keep WDO high under normal condi-
tions. WDO also pulls low if no negative WDI edge occurs
during the watchdog upper boundary period.
Figure 5. Watchdog Lower Boundary Parameter
Figure 4. Watchdog Upper Boundary Parameter
Figure 6. Upper and Lower Boundary Ratio
50ms/DIV
WDI
2V/DIV
WDO
5V/DIV
CWDT
1V/DIV
tWDU = 155ms, CWDT = 10nF
tRST = 93ms, CPOR = 47nF
CPOR
1V/DIV
8495 F03
UPPER BOUNDARY PERIOD, tWDU (ms)
0.1
1
10
100
1k
10k
0.034
0.040
0.046
0.052
0.058
0.064
0.070
8495 F04
CWDT PIN CAPACITANCE, CWDT (nF)
0.01
0.1
1
10
100
1k
0.4
0.7
1.0
1.3
1.6
8495 F05
CWDT PIN CAPACITANCE, CWDT (nF)
0.01
0.1
1
10
100
1k
16
20
24
28
32
8495 F06
Selecting the Watchdog Timing Capacitor: The watch-
dog timeout period is adjustable and can be optimized
for software execution. The watchdog upper and lower
boundary timeout periods (tWDU and tWDL) are adjusted
by connecting a capacitor, CWDT, between the CWDT pin
and ground. tWDU is typically 30 • tWDL for large CWDT
values (greater than about 50nF). For lower values this
ratio reduces as shown in Figure 6.
To program the tWDU and tWDL periods, see the Watchdog
UpperandLowerBoundaryPeriodsvsCapacitancegraphs
in the Typical Characteristics section to select CWDT. The
requiredcapacitorvaluecanalsobecalculatedfromagiven
watchdog timeout period by using the following equation:
CWDT = K1 • tWDU
Where CWDT is the external capacitor value in nF, tWDU is
the upper boundary period in ms, and K1 is their ratio with
typical values shown in Figure 4. K1 can be approximated
as 0.065nF/ms for upper boundaries greater than 50ms.
In addition, the following equation can be used to calculate
the watchdog lower boundary period for a given CWDT
capacitor value.
tWDL = K2 • CWDT
Where tWDL is the lower boundary in ms, CWDT is the
external capacitance in nF, and K2 is their ratio with typi-
cal values shown in Figure 5. K2 can be approximated as
0.52ms/nF for CWDT values greater than 10nF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com