Electronic Components Datasheet Search
  English  ▼

X  

LT8495 Datasheet(PDF) 10 Page - Analog Devices

Part # LT8495
Description  SEPIC/Boost Converter with 2A, 70V Switch, 9μA Quiescent Current, POR and Watchdog Timer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8495 Datasheet(HTML) 10 Page - Analog Devices

Back Button LT8495 Datasheet HTML 6Page - Analog Devices LT8495 Datasheet HTML 7Page - Analog Devices LT8495 Datasheet HTML 8Page - Analog Devices LT8495 Datasheet HTML 9Page - Analog Devices LT8495 Datasheet HTML 10Page - Analog Devices LT8495 Datasheet HTML 11Page - Analog Devices LT8495 Datasheet HTML 12Page - Analog Devices LT8495 Datasheet HTML 13Page - Analog Devices LT8495 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
LT8495
10
8495fb
For more information www.linear.com/LT8495
BLOCK DIAGRAM
+
–
+
–
VIN
2.4V
+
–
DIE
TEMP
165°C
2.1V
1.10V
1.00V
OTHERS
+
–
+
–
SW
RST
WDO
BIAS
GND
SWEN
2.4V
34V
1.00V
Q
256k
S
R
OVP
ILIMIT
VC_LIMITER
CHIP
SHUTDOWN
SR2
R Q
S
SR1
A2
2.1V
SS
DISABLE PSD
SUPPLY
SELECT
LOGIC
VOLTAGE
REFS
Burst
Mode
DETECT
QUADRATIC
RAMP
GENERATOR
ADJUSTABLE
RESET PULSE
GENERATOR
WATCHDOG
TIMER
TRANSITION
DETECT
WATCHDOG
TIMEOUT
FREQUENCY
FOLDBACK
CHIP
SHUTDOWN
1.10V
LOW POWER MODE
SOFT-
START
34V
100mV
1.202V
+
–
RT
FB
WDE
RSTIN
PGOOD
RESET
ENABLE
2.3µA
23µA
A3
VC
A1
CPOR
8495 BD
1.00V
2.3µA
23µA
WDI
CWDT
POWER
SWITCH
DRIVER
Q1
ADJUSTABLE
OSCILLATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com