Electronic Components Datasheet Search
  English  ▼

X  

LT8495 Datasheet(PDF) 18 Page - Analog Devices

Part # LT8495
Description  SEPIC/Boost Converter with 2A, 70V Switch, 9μA Quiescent Current, POR and Watchdog Timer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8495 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT8495 Datasheet HTML 14Page - Analog Devices LT8495 Datasheet HTML 15Page - Analog Devices LT8495 Datasheet HTML 16Page - Analog Devices LT8495 Datasheet HTML 17Page - Analog Devices LT8495 Datasheet HTML 18Page - Analog Devices LT8495 Datasheet HTML 19Page - Analog Devices LT8495 Datasheet HTML 20Page - Analog Devices LT8495 Datasheet HTML 21Page - Analog Devices LT8495 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
LT8495
18
8495fb
For more information www.linear.com/LT8495
APPLICATIONS INFORMATION
VIN voltage is higher than VOUT. Connecting BIAS to VOUT
in a SEPIC topology also allows the switching regulator to
operate with VIN above 34V (typical switch driver overvolt-
age threshold) in cases where VOUT is regulated below the
PSDovervoltagethreshold.Finally,connectingBIAStoVOUT
also allows the converter to operate from VIN voltages less
than 2.5V after VOUT rises within the PSD operating range.
This can be very useful in battery powered applications
since the battery voltage drops as it discharges.
BIAS Connection for Boost Converters: For boost con-
verters, BIAS is typically connected to VOUT or to ground.
Connecting BIAS to VOUT allows the converter to operate
with VIN < 2.5V after VOUT has risen within the PSD operat-
ing range. However, during no load conditions on VOUT,
despite VIN being selected as the primary input supply,
the overall power loss will be slightly elevated due to the
small amount of current still being drawn from the higher
voltage BIAS pin. To minimize boost converter power loss
duringnoloadconditions,connectBIASinsteadtoground.
ForboostapplicationswithVOUThigherthanthePSDoper-
atingrange,theBIASpinshouldnottypicallybeconnected
to VOUT. The LT8495 will never draw the majority of its
current from BIAS due to the excessive voltage, therefore
this connection does not help to improve efficiency. Al-
ternative choices for the BIAS pin connection are ground
or another supply that is within the PSD operating range.
Maximum VIN for Boost Converters: VIN cannot generally
be higher than VOUT in boost topologies because of the DC
path from VIN to VOUT though the inductor and the output
diode. If VIN must be higher than VOUT, then the inductor
mustbepoweredbyaseparatesupplythatisalwaysbelow
VOUT. Otherwise a SEPIC topology can be used.
Also, the LT8495 will not operate in a boost topology
with VIN voltages above the PSD operating range unless
BIAS is connected to an alternative supply within the valid
operating range.
VIN/BIAS Ramp Rate: While initially powering a switching
converter application, the VIN/BIAS ramp rate should be
limited. High VIN/BIAS ramp rates can cause excessive in-
rush currents in the passive components of the converter.
This can lead to current and/or voltage overstress and may
damage the passive components or the chip. Ramping rates
less than 500mV/µs, depending on component parameters,
will generally prevent these issues. Also, be careful to avoid
hot plugging. Hot plugging occurs when an active voltage
supply is “instantly” connected or switched to the input of
the converter. Hot plugging results in very fast input ramp
ratesandisnotrecommended.Finally,formoreinformation,
refer to Linear Application Note 88, which discusses voltage
overstressthatcanoccurwheninductivesourceimpedanceis
hot plugged to an input pin bypassed by ceramic capacitors.
Watchdog Timer
The LT8495 includes an adjustable watchdog timer that
can monitor a microcontroller activity. If a code execution
error occurs, the watchdog timer can detect this and pull
the open drain WDO pin low. WDO can be connected to
RST or to another input of the microcontroller to reset or
interrupt the microcontroller. Note that the pull-up resis-
tor must be connected to WDO for proper operation. This
resistor is often already integrated in the microcontroller.
The watchdog circuitry monitors negative edges on the
WDIpin.TheWDIpin’snegativegoingpulsesarerestricted
to appear inside a programmed time window to prevent
WDO from going low. During a code execution error, the
microcontroller will generate WDI pulses that are either
too fast or too slow which will cause WDO to assert low
and force the microcontroller to reset the program (see
the Timing Diagram section).
While monitoring WDI, if the time between any two falling
edges is shorter than the watchdog lower boundary, tWDL
(see Figure 2), or longer than the watchdog upper bound-
ary, tWDU (see Figure 3), WDO is pulled down for a pro-
grammable period of tRST (see Reset Conditions section).
Figure 2. Window Watchdog Waveforms
2ms/DIV
WDI
5V/DIV
WDO
5V/DIV
CWDT
1V/DIV
tWDL = 5.2ms, CWDT = 10nF
CPOR
1V/DIV
8495 F02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com