Electronic Components Datasheet Search
  English  ▼

X  

LT8495 Datasheet(PDF) 3 Page - Analog Devices

Part # LT8495
Description  SEPIC/Boost Converter with 2A, 70V Switch, 9μA Quiescent Current, POR and Watchdog Timer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8495 Datasheet(HTML) 3 Page - Analog Devices

  LT8495 Datasheet HTML 1Page - Analog Devices LT8495 Datasheet HTML 2Page - Analog Devices LT8495 Datasheet HTML 3Page - Analog Devices LT8495 Datasheet HTML 4Page - Analog Devices LT8495 Datasheet HTML 5Page - Analog Devices LT8495 Datasheet HTML 6Page - Analog Devices LT8495 Datasheet HTML 7Page - Analog Devices LT8495 Datasheet HTML 8Page - Analog Devices LT8495 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
LT8495
3
8495fb
For more information www.linear.com/LT8495
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C. VIN = VSWEN = 12V, VBIAS = VWDE = 5V, unless otherwise noted
(Note 2).
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum VIN Operating Voltages
VBIAS < 2.5V
VBIAS ≥ 2.5V
l
l
2.4
2.5
0
V
V
Minimum BIAS Operating Voltages
VIN < 2.5V
VIN ≥ 2.5V
l
l
2.4
2.5
0
V
V
Power Switch Driver (PSD) Overvoltage Threshold
(Note 4)
VIN or BIAS Rising
VIN or BIAS Falling
l
l
32.1
32
34
33.9
36.5
36.4
V
V
Power Switch Driver (PSD) Overvoltage Threshold
Hysteresis (Note 4)
100
mV
Quiescent Current from VIN
VSWEN = 0V, VWDE = 0V, VRSTIN = 0V
VSWEN = 5V, VWDE = 0V, VFB = VRSTIN = 1.25V
VSWEN = 5V, VWDE = 5V, VFB = VRSTIN = 1.25V
VSWEN = 5V, VWDE = 0V, VFB = VRSTIN = 1.25V
(LT8495E, LT8495I)
(LT8495H)
VSWEN = 5V, VWDE = 5V, VFB = VRSTIN = 1.25V
(LT8495E, LT8495I)
(LT8495H)
l
l
l
l
0.3
3.0
3.1
3.0
3.0
3.1
3.1
0.9
4.8
4.9
6.2
8.0
6.3
8.0
µA
µA
µA
µA
µA
µA
µA
Quiescent Current from BIAS
VSWEN = 0V, VWDE = 0V, VRSTIN = 0V
VSWEN = 5V, VWDE = 0V, VFB = VRSTIN = 1.25V
VSWEN = 5V, VWDE = 5V, VFB = VRSTIN = 1.25V
VSWEN = 5V, VWDE = 0V, VFB = VRSTIN = 1.25V
(LT8495E, LT8495I)
(LT8495H)
VSWEN = 5V, VWDE = 5V, VFB = VRSTIN = 1.25V
(LT8495E, LT8495I)
(LT8495H)
l
l
l
l
0.07
1.7
6.0
1.7
1.7
6.0
6.0
0.5
2.8
8.5
4.0
11
10.0
15.5
µA
µA
µA
µA
µA
µA
µA
BIAS to VIN Comparator Threshold
VBIAS-VIN, VBIAS Rising, VIN = 12V
VBIAS-VIN, VBIAS Falling, VIN = 12V
Hysteresis (Rising-Falling Threshold)
l
l
l
0.55
0.17
0.20
0.90
0.37
0.53
1.2
0.57
0.80
V
V
V
Feedback Voltage
l
1.178
1.202
1.230
V
FB Pin Bias Current (Note 7)
VFB = 1.202V
0.1
20
nA
FB Voltage Line Regulation
5V ≤ VIN ≤ 32V, VBIAS = 5V
5V ≤ VIN ≤ 32V, VBIAS = 0V
0.2
0.2
10
10
m%/V
m%/V
Minimum Switch Off-Time
70
ns
Minimum Switch On-Time
95
ns
Switching Frequency
RT = 68.1k
RT = 324k
l
l
0.92
219
1.0
250
1.06
280
MHz
kHz
Switch Current Limit at Min. Duty Cycle (Note 5)
l
2.1
2.55
2.95
A
Switch Current Limit at Max. Duty Cycle (Note 6)
l
1.3
1.85
2.4
A
Switch VCESAT
ISW = 1.2A
340
mV
Switch Leakage Current (Note 7)
VSW = 12V, VSWEN = 0V
0.01
1
μA
Soft-Start Charging Current (Note 7)
VSS = 100mV
l
5.2
8.2
12.2
μA
SWEN Pin Current (Note 7)
VSWEN = 1.2V
VSWEN = 5V
VSWEN = 12V
0
35
240
25
200
550
nA
nA
nA
SWEN Rising Voltage Threshold
l
0.9
1
1.1
V
SWEN Voltage Hysteresis
30
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com