Electronic Components Datasheet Search
  English  ▼

X  

LT8495 Datasheet(PDF) 6 Page - Analog Devices

Part # LT8495
Description  SEPIC/Boost Converter with 2A, 70V Switch, 9μA Quiescent Current, POR and Watchdog Timer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8495 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT8495 Datasheet HTML 2Page - Analog Devices LT8495 Datasheet HTML 3Page - Analog Devices LT8495 Datasheet HTML 4Page - Analog Devices LT8495 Datasheet HTML 5Page - Analog Devices LT8495 Datasheet HTML 6Page - Analog Devices LT8495 Datasheet HTML 7Page - Analog Devices LT8495 Datasheet HTML 8Page - Analog Devices LT8495 Datasheet HTML 9Page - Analog Devices LT8495 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
LT8495
6
8495fb
For more information www.linear.com/LT8495
TYPICAL PERFORMANCE CHARACTERISTICS
Feedback Voltage
Oscillator Frequency
Frequency Foldback
Minimum Switch On-Time
Minimum Switch Off-Time
Switch VCESAT
Watchdog Upper Boundary Period
Watchdog Lower Boundary Period
Overvoltage Lockout
TA = 25°C, unless otherwise noted.
SWITCH CURRENT (A)
0.0
0
500
400
300
200
100
600
1.5
2.0
0.5
8495 G10
1.0
TEMPERATURE (°C)
–50
1.18
1.22
1.21
1.20
1.19
1.23
100
150
0
8495 G11
50
TEMPERATURE (°C)
–50
0.00
1.25
1.00
0.50
0.25
0.75
1.50
100
150
0
8495 G12
50
RT = 68.1k
RT = 324k
8495 G13
FB VOLTAGE (V)
0.0
0.2
0.5
0.7
1.0
1.2
0
200
400
600
800
1000
1200
RT = 68.1k
RT = 324k
TEMPERATURE (°C)
–50
0
100
120
80
60
40
20
140
100
150
0
8495 G14
50
TEMPERATURE (°C)
–50
0
100
120
140
160
80
60
40
20
180
100
150
0
8495 G15
50
TEMPERATURE (°C)
–50
33.0
35.0
34.5
34.0
33.5
35.5
100
150
0
8495 G16
50
VIN OR BIAS RISING
VIN OR BIAS FALLING
8495 G17
CWDT = 1nF
TDK
C2012C0G1H102J
TEMPERATURE (°C)
–50
–10
30
70
110
150
15
16
17
18
19
20
TEMPERATURE (°C)
–50
620
720
740
700
680
660
640
760
100
150
0
8495 G18
50
CWDT = 1nF
TDK
C2012COG1H102J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com