Electronic Components Datasheet Search
  English  ▼

X  

C511 Datasheet(PDF) 121 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 121 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 117Page - Siemens Semiconductor Group C511 Datasheet HTML 118Page - Siemens Semiconductor Group C511 Datasheet HTML 119Page - Siemens Semiconductor Group C511 Datasheet HTML 120Page - Siemens Semiconductor Group C511 Datasheet HTML 121Page - Siemens Semiconductor Group C511 Datasheet HTML 122Page - Siemens Semiconductor Group C511 Datasheet HTML 123Page - Siemens Semiconductor Group C511 Datasheet HTML 124Page - Siemens Semiconductor Group C511 Datasheet HTML 125Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 128 page
background image
Semiconductor Group
10-9
Device Specifications
Figure 10-4
SSC Timing
Figure 10-5
External Clock Drive at XTAL1
Notes: Shown is the data/clock relationship for CPOL = CPHA = 1. The timing diagram is
valid for the other cases accordingly.
In the case of slave mode and CPHA = 0, the output delay for the MSB applies to the
falling edge of SLS (if transmitter is enabled).
In the case of master mode and CPHA = 0, the MSB becomes valid after the data has
been written into the shift register, i.e. at least one half SCLK clock cycle before the
first clock transition.
MCT00033
t
CHCX
t
CLCX
CHCL
t
CLCH
t
V
CC
t
CLCL
- 0.5V
0.45V
CC
0.7
V
V - 0.1
CC
0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com