Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 299 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 299 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 295Page - Infineon Technologies AG C167CS Datasheet HTML 296Page - Infineon Technologies AG C167CS Datasheet HTML 297Page - Infineon Technologies AG C167CS Datasheet HTML 298Page - Infineon Technologies AG C167CS Datasheet HTML 299Page - Infineon Technologies AG C167CS Datasheet HTML 300Page - Infineon Technologies AG C167CS Datasheet HTML 301Page - Infineon Technologies AG C167CS Datasheet HTML 302Page - Infineon Technologies AG C167CS Datasheet HTML 303Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 517 page
background image
C167CS
Derivatives
The High-Speed Synchronous Serial Interface
User’s Manual
12-16
V2.0, 2000-07
A Transmit Error (Slave mode) is detected, when a transfer was initiated by the master
(shift clock gets active), but the transmit buffer SSCTB of the slave was not updated
since the last transfer. This condition sets the error flag SSCTE and, when enabled via
SSCTEN, the error interrupt request flag SSCEIR. If a transfer starts while the transmit
buffer is not updated, the slave will shift out the ‘old’ contents of the shift register, which
normally is the data received during the last transfer.
This may lead to the corruption of the data on the transmit/receive line in half-duplex
mode (open drain configuration), if this slave is not selected for transmission. This mode
requires that slaves not selected for transmission only shift out ones, i.e. their transmit
buffers must be loaded with ‘FFFFH’ prior to any transfer.
Note: A slave with push/pull output drivers, which is not selected for transmission, will
normally have its output drivers switched. However, in order to avoid possible
conflicts or misinterpretations, it is recommended to always load the slave’s
transmit buffer prior to any transfer.
Figure 12-6
SSC Error Interrupt Control
&
SSCTEN
SSCTE
Transmit
Error
Register SSCCON
&
SSCREN
SSCRE
Receive
Error
&
SSCPEN
SSCPE
Phase
Error
&
SSCBEN
SSCBE
Baudrate
Error
1
>
–
&
SSCEIE
SSCEIR
Error
Interrupt
SSCEINT
Register SSCEIC
MCA01968



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com