Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 296 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 296 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 292Page - Infineon Technologies AG C167CS Datasheet HTML 293Page - Infineon Technologies AG C167CS Datasheet HTML 294Page - Infineon Technologies AG C167CS Datasheet HTML 295Page - Infineon Technologies AG C167CS Datasheet HTML 296Page - Infineon Technologies AG C167CS Datasheet HTML 297Page - Infineon Technologies AG C167CS Datasheet HTML 298Page - Infineon Technologies AG C167CS Datasheet HTML 299Page - Infineon Technologies AG C167CS Datasheet HTML 300Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 517 page
background image
C167CS
Derivatives
The High-Speed Synchronous Serial Interface
User’s Manual
12-13
V2.0, 2000-07
12.5
Baud Rate Generation
The serial channel SSC has its own dedicated 16-bit baud rate generator with 16-bit
reload capability, permitting baud rate generation independent from the timers.
The baud rate generator is clocked with the CPU clock divided by 2 (
fCPU / 2). The timer
is counting downwards and can be started or stopped through the global enable bit
SSCEN in register SSCCON. Register SSCBR is the dual-function Baud Rate
Generator/Reload register. Reading SSCBR, while the SSC is enabled, returns the
content of the timer. Reading SSCBR, while the SSC is disabled, returns the
programmed reload value. In this mode the desired reload value can be written to
SSCBR.
Note: Never write to SSCBR, while the SSC is enabled.
The formulas below calculate either the resulting baud rate for a given reload value, or
the required reload value for a given baudrate:
<SSCBR> represents the content of the reload register, taken as an unsigned 16-bit
integer.
Table 12-2 list some possible baud rates together with the required reload values and the
resulting bit times, for different CPU clock frequencies.
Table 12-2
SSC Bit-Time Calculation
Bit-time for
fCPU = …
Reload Val.
(SSCBR)
16 MHz
20 MHz
25 MHz
33 MHz
Reserved. SSCBR must be > 0.
0000H
250
ns
200
ns
160
ns
121
ns
0001H
375
ns
300
ns
240
ns
182
ns
0002H
500
ns
400
ns
320
ns
242
ns
0003H
625
ns
500
ns
400
ns
303
ns
0004H
1.00
µs
800
ns
640
ns
485
ns
0007H
1.25
µs1
µs
800
ns
606
ns
0009H
10
µs8
µs6.4
µs4.8
µs
004FH
12.5
µs10
µs8
µs6.1
µs
0063H
15.6
µs12.5
µs10
µs7.6
µs
007CH
20.6
µs16.5
µs13.2
µs10
µs00A4
H
BSSC =
fCPU
2
× (<SSCBR> + 1)
SSCBR = (
fCPU
2
× Baudrate
SSC
)
– 1
,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com