Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 292 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 292 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 288Page - Infineon Technologies AG C167CS Datasheet HTML 289Page - Infineon Technologies AG C167CS Datasheet HTML 290Page - Infineon Technologies AG C167CS Datasheet HTML 291Page - Infineon Technologies AG C167CS Datasheet HTML 292Page - Infineon Technologies AG C167CS Datasheet HTML 293Page - Infineon Technologies AG C167CS Datasheet HTML 294Page - Infineon Technologies AG C167CS Datasheet HTML 295Page - Infineon Technologies AG C167CS Datasheet HTML 296Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 517 page
background image
C167CS
Derivatives
The High-Speed Synchronous Serial Interface
User’s Manual
12-9
V2.0, 2000-07
edge generated by the master may be already used to clock in the first data bit. So the
slave’s first data bit must already be valid at this time.
Note: On the SSC always a transmission and a reception takes place at the same time,
regardless whether valid data has been transmitted or received. This is different
e.g. from asynchronous reception on ASC0.
The initialization of the SCLK pin on the master requires some attention in order to
avoid undesired clock transitions, which may disturb the other receivers. The state of the
internal alternate output lines is ‘1’ as long as the SSC is disabled. This alternate output
signal is ANDed with the respective port line output latch. Enabling the SSC with an idle-
low clock (SSCPO = ‘0’) will drive the alternate data output and (via the AND) the port
pin SCLK immediately low. To avoid this, use the following sequence:
• select the clock idle level (SSCPO = ‘x’)
• load the port output latch with the desired clock idle level (P3.13 = ‘x’)
• switch the pin to output (DP3.13 = ‘1’)
• enable the SSC (SSCEN = ‘1’)
• if SSCPO = ‘0’: enable alternate data output (P3.13 = ‘1’)
The same mechanism as for selecting a slave for transmission (separate select lines or
special commands) may also be used to move the role of the master to another device
in the network. In this case the previous master and the future master (previous slave)
will have to toggle their operating mode (SSCMS) and the direction of their port pins (see
description above).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com