Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 289 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 289 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 285Page - Infineon Technologies AG C167CS Datasheet HTML 286Page - Infineon Technologies AG C167CS Datasheet HTML 287Page - Infineon Technologies AG C167CS Datasheet HTML 288Page - Infineon Technologies AG C167CS Datasheet HTML 289Page - Infineon Technologies AG C167CS Datasheet HTML 290Page - Infineon Technologies AG C167CS Datasheet HTML 291Page - Infineon Technologies AG C167CS Datasheet HTML 292Page - Infineon Technologies AG C167CS Datasheet HTML 293Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 517 page
background image
C167CS
Derivatives
The High-Speed Synchronous Serial Interface
User’s Manual
12-6
V2.0, 2000-07
The Data Width Selection supports the transfer of frames of any length, from 2-bit
“characters” up to 16-bit “characters”. Starting with the LSB (SSCHB = ‘0’) allows
communication e.g. with ASC0 devices in synchronous mode (C166 Family) or 8051 like
serial interfaces. Starting with the MSB (SSCHB = ‘1’) allows operation compatible with
the SPI interface.
Regardless which data width is selected and whether the MSB or the LSB is transmitted
first, the transfer data is always right aligned in registers SSCTB and SSCRB, with the
LSB of the transfer data in bit 0 of these registers. The data bits are rearranged for
transfer by the internal shift register logic. The unselected bits of SSCTB are ignored, the
unselected bits of SSCRB will be not valid and should be ignored by the receiver service
routine.
The Clock Control allows the adaptation of transmit and receive behavior of the SSC
to a variety of serial interfaces. A specific clock edge (rising or falling) is used to shift out
transmit data, while the other clock edge is used to latch in receive data. Bit SSCPH
selects the leading edge or the trailing edge for each function. Bit SSCPO selects the
level of the clock line in the idle state. So for an idle-high clock the leading edge is a
falling one, a 1-to-0 transition. Figure 12-3 is a summary.
Figure 12-3
Serial Clock Phase and Polarity Options
MCD01960
Last
Bit
Transmit Data
First
Bit
Latch Data
Shift Data
Pins
MTSR/MRST
Serial Clock
SCLK
SSCPO SSCPH
00
0
1
1
0
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com