Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 286 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 286 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 282Page - Infineon Technologies AG C167CS Datasheet HTML 283Page - Infineon Technologies AG C167CS Datasheet HTML 284Page - Infineon Technologies AG C167CS Datasheet HTML 285Page - Infineon Technologies AG C167CS Datasheet HTML 286Page - Infineon Technologies AG C167CS Datasheet HTML 287Page - Infineon Technologies AG C167CS Datasheet HTML 288Page - Infineon Technologies AG C167CS Datasheet HTML 289Page - Infineon Technologies AG C167CS Datasheet HTML 290Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 517 page
background image
C167CS
Derivatives
The High-Speed Synchronous Serial Interface
User’s Manual
12-3
V2.0, 2000-07
Bit
Function (Programming Mode, SSCEN = ‘0’)
SSCBM
SSC Data Width Selection
0:
Reserved. Do not use this combination
1…15: Transfer Data Width is 2 … 16 bit (<SSCBM> + 1)
SSCHB
SSC Heading Control Bit
0:
Transmit/Receive LSB First
1:
Transmit/Receive MSB First
SSCPH
SSC Clock Phase Control Bit
0:
Shift transmit data on the leading clock edge, latch on trailing edge
1:
Latch receive data on leading clock edge, shift on trailing edge
SSCPO
SSC Clock Polarity Control Bit
0:
Idle clock line is low, leading clock edge is low-to-high transition
1:
Idle clock line is high, leading clock edge is high-to-low transition
SSCTEN
SSC Transmit Error Enable Bit
0:
Ignore transmit errors
1:
Check transmit errors
SSCREN
SSC Receive Error Enable Bit
0:
Ignore receive errors
1:
Check receive errors
SSCPEN
SSC Phase Error Enable Bit
0:
Ignore phase errors
1:
Check phase errors
SSCBEN
SSC Baudrate Error Enable Bit
0:
Ignore baudrate errors
1:
Check baudrate errors
SSCAREN
SSC Automatic Reset Enable Bit
0:
No additional action upon a baudrate error
1:
The SSC is automatically reset upon a baudrate error
SSCMS
SSC Master Select Bit
0:
Slave Mode. Operate on shift clock received via SCLK
1:
Master Mode. Generate shift clock and output it via SCLK
SSCEN
SSC Enable Bit = ‘0’
Transmission and reception disabled. Access to control bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com