Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 282 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 282 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 278Page - Infineon Technologies AG C167CS Datasheet HTML 279Page - Infineon Technologies AG C167CS Datasheet HTML 280Page - Infineon Technologies AG C167CS Datasheet HTML 281Page - Infineon Technologies AG C167CS Datasheet HTML 282Page - Infineon Technologies AG C167CS Datasheet HTML 283Page - Infineon Technologies AG C167CS Datasheet HTML 284Page - Infineon Technologies AG C167CS Datasheet HTML 285Page - Infineon Technologies AG C167CS Datasheet HTML 286Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 517 page
background image
C167CS
Derivatives
The Asynchronous/Synchronous Serial Interface
User’s Manual
11-16
V2.0, 2000-07
Note: Please refer to the general Interrupt Control Register description for an
explanation of the control fields.
Using the ASC0 Interrupts
For normal operation (i.e. besides the error interrupt) the ASC0 provides three interrupt
requests to control data exchange via this serial channel:
• S0TBIR is activated when data is moved from S0TBUF to the transmit shift register.
• S0TIR
is activated before the last bit of an asynchronous frame is transmitted,
or after the last bit of a synchronous frame has been transmitted.
• S0RIR
is activated when the received frame is moved to S0RBUF.
While the task of the receive interrupt handler is quite clear, the transmitter is serviced
by two interrupt handlers. This provides advantages for the servicing software.
For single transfers is sufficient to use the transmitter interrupt (S0TIR), which
indicates that the previously loaded data has been transmitted, except for the last bit of
an asynchronous frame.
For multiple back-to-back transfers it is necessary to load the following piece of data
at last until the time the last bit of the previous frame has been transmitted. In
asynchronous mode this leaves just one bit-time for the handler to respond to the
transmitter interrupt request, in synchronous mode it is impossible at all.
Using the transmit buffer interrupt (S0TBIR) to reload transmit data gives the time to
transmit a complete frame for the service routine, as S0TBUF may be reloaded while the
previous data is still being transmitted.
S0EIC
ASC0 Error Intr. Ctrl. Reg.
SFR (FF70H/B8H)
Reset Value: - - 00H
15
14
13
12
11
10
9876
543210
-
S0
EIR
S0
EIE
ILVL
GLVL
--
------
rwh
rw
rw
rw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com