Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 278 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 278 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 274Page - Infineon Technologies AG C167CS Datasheet HTML 275Page - Infineon Technologies AG C167CS Datasheet HTML 276Page - Infineon Technologies AG C167CS Datasheet HTML 277Page - Infineon Technologies AG C167CS Datasheet HTML 278Page - Infineon Technologies AG C167CS Datasheet HTML 279Page - Infineon Technologies AG C167CS Datasheet HTML 280Page - Infineon Technologies AG C167CS Datasheet HTML 281Page - Infineon Technologies AG C167CS Datasheet HTML 282Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 517 page
background image
C167CS
Derivatives
The Asynchronous/Synchronous Serial Interface
User’s Manual
11-12
V2.0, 2000-07
Table 11-1
ASC0 Asynchronous Baudrate Generation for
fCPU = 16 MHz
Baud Rate
S0BRS = ‘0’
S0BRS = ‘1’
Deviation Error
Reload Value
Deviation Error
Reload Value
500
KBaud
± 0.0%
0000H
––
19.2
KBaud
+ 0.2%/ – 3.5%
0019H/001AH
+ 2.1%/ – 3.5%
0010H/0011H
9600
Baud
+ 0.2%/ – 1.7%
0033H/0034H
+ 2.1%/ – 0.8%
0021H/0022H
4800
Baud
+ 0.2%/ – 0.8%
0067H/0068H
+ 0.6%/ – 0.8%
0044H/0045H
2400
Baud
+ 0.2%/ – 0.3%
00CFH/00D0H + 0.6%/ – 0.1%
0089H/008AH
1200
Baud
+ 0.4%/ – 0.1%
019FH/01A0H
+ 0.3%/ – 0.1%
0114H/0115H
600
Baud
+ 0.0%/ – 0.1%
0340H/0341H
+ 0.1%/ – 0.1%
022AH/022BH
61
Baud
+ 0.1%
1FFFH
+ 0.0%/ – 0.0%
115BH/115CH
40
Baud
–
–
+ 1.7%
1FFFH
Table 11-2
ASC0 Asynchronous Baudrate Generation for
fCPU = 20 MHz
Baud Rate
S0BRS = ‘0’
S0BRS = ‘1’
Deviation Error
Reload Value
Deviation Error
Reload Value
625
KBaud
± 0.0%
0000H
––
19.2
KBaud
+ 1.7%/ – 1.4%
001FH/0020H
+ 3.3%/ – 1.4%
0014H/0015H
9600
Baud
+ 0.2%/ – 1.4%
0040H/0041H
+ 1.0%/ – 1.4%
002AH/002BH
4800
Baud
+ 0.2%/ – 0.6%
0081H/0082H
+ 1.0%/ – 0.2%
0055H/0056H
2400
Baud
+ 0.2%/ – 0.2%
0103H/0104H
+ 0.4%/ – 0.2%
00ACH/00ADH
1200
Baud
+ 0.2%/ – 0.4%
0207H/0208H
+ 0.1%/ – 0.2%
015AH/015BH
600
Baud
+ 0.1%/ – 0.0%
0410H/0411H
+ 0.1%/ – 0.1%
02B5H/02B6H
75
Baud
+ 1.7%
1FFFH
+ 0.0%/ – 0.0%
15B2H/15B3H
50
Baud
–
–
+ 1.7%
1FFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com