Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 280 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 280 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 276Page - Infineon Technologies AG C167CS Datasheet HTML 277Page - Infineon Technologies AG C167CS Datasheet HTML 278Page - Infineon Technologies AG C167CS Datasheet HTML 279Page - Infineon Technologies AG C167CS Datasheet HTML 280Page - Infineon Technologies AG C167CS Datasheet HTML 281Page - Infineon Technologies AG C167CS Datasheet HTML 282Page - Infineon Technologies AG C167CS Datasheet HTML 283Page - Infineon Technologies AG C167CS Datasheet HTML 284Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 517 page
background image
C167CS
Derivatives
The Asynchronous/Synchronous Serial Interface
User’s Manual
11-14
V2.0, 2000-07
Synchronous Mode Baud Rates
For synchronous operation, the baud rate generator provides a clock with 4 times the
rate of the established baud rate. The baud rate for synchronous operation of serial
channel ASC0 can be determined by the following formula:
<S0BRL> represents the content of the reload register, taken as unsigned 13-bit integers,
<S0BRS> represents the value of bit S0BRS (i.e. ‘0’ or ‘1’), taken as integer.
Table 11-5 gives the limit baudrates depending on the CPU clock frequency and bit
S0BRS.
Table 11-5
ASC0 Synchronous Baudrate Generation
CPU clock
fCPU
S0BRS = ‘0’
S0BRS = ‘1’
Min. Baudrate
Max. Baudrate
Min. Baudrate
Max. Baudrate
16 MHz
244 Baud
2.000 MBaud
162 Baud
1.333 MBaud
20 MHz
305 Baud
2.500 MBaud
203 Baud
1.666 MBaud
25 MHz
381 Baud
3.125 MBaud
254 Baud
2.083 MBaud
33 MHz
504 Baud
4.125 MBaud
336 Baud
2.750 MBaud
BSync =
S0BRL = (
4
× (2 + <S0BRS>) × B
Sync
fCPU
fCPU
) – 1
4
× (2 + <S0BRS>) × (<S0BRL> + 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com