Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 284 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 284 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 280Page - Infineon Technologies AG C167CS Datasheet HTML 281Page - Infineon Technologies AG C167CS Datasheet HTML 282Page - Infineon Technologies AG C167CS Datasheet HTML 283Page - Infineon Technologies AG C167CS Datasheet HTML 284Page - Infineon Technologies AG C167CS Datasheet HTML 285Page - Infineon Technologies AG C167CS Datasheet HTML 286Page - Infineon Technologies AG C167CS Datasheet HTML 287Page - Infineon Technologies AG C167CS Datasheet HTML 288Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 517 page
background image
C167CS
Derivatives
The High-Speed Synchronous Serial Interface
User’s Manual
12-1
V2.0, 2000-07
12
The High-Speed Synchronous Serial Interface
The high-speed Synchronous Serial Interface SSC provides flexible high-speed serial
communication between the C167CS and other microcontrollers, microprocessors or
external peripherals.
The SSC supports full-duplex and half-duplex synchronous communication up to 6.25/
8.25 MBaud (@ 25/33 MHz CPU clock). The serial clock signal can be generated by the
SSC itself (master mode) or be received from an external master (slave mode). Data
width, shift direction, clock polarity and phase are programmable. This allows
communication with SPI-compatible devices. Transmission and reception of data is
double-buffered. A 16-bit baud rate generator provides the SSC with a separate serial
clock signal.
The high-speed synchronous serial interface can be configured in a very flexible way, so
it can be used with other synchronous serial interfaces (e.g. the ASC0 in synchronous
mode), serve for master/slave or multimaster interconnections or operate compatible
with the popular SPI interface. So it can be used to communicate with shift registers (IO
expansion), peripherals (e.g. EEPROMs etc.) or other controllers (networking). The SSC
supports half-duplex and full-duplex communication. Data is transmitted or received on
pins MTSR/P3.9 (Master Transmit/Slave Receive) and MRST/P3.8 (Master Receive/
Slave Transmit). The clock signal is output or input on pin SCLK/P3.13. These pins are
alternate functions of Port 3 pins.
Figure 12-1
SFRs and Port Pins Associated with the SSC
E
MCA04380
ODP3
DP3
P3
SSCBR
SSCTB
SSCRB
SSCCON
SSCTIC
SSCEIC
Ports & Direction Control
Alternate Functions
Data Registers
Control Registers
Interrupt Control
ODP3
Port 3 Open Drain Control Register
DP3
Port 3 Direction Control Register
SSCBR
SSC Baud Rate Generator/Reload Reg.
SSCTB
SSC Transmit Buffer Register
SSCTIC
SSC Transmit Interrupt Control Register
P3
Port 3 Data Register
SSCCON
SSC Control Register
SSCRB
SSC Receive Buffer Register
SSCRIC
SSC Receive Interrupt Control Register
SSCEIC
SSC Error Interrupt Control Register
SSCRIC
SCLK/P3.13
MTSR/P3.9
MRST/P3.8
E
E
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com