Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 287 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 287 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 283Page - Infineon Technologies AG C167CS Datasheet HTML 284Page - Infineon Technologies AG C167CS Datasheet HTML 285Page - Infineon Technologies AG C167CS Datasheet HTML 286Page - Infineon Technologies AG C167CS Datasheet HTML 287Page - Infineon Technologies AG C167CS Datasheet HTML 288Page - Infineon Technologies AG C167CS Datasheet HTML 289Page - Infineon Technologies AG C167CS Datasheet HTML 290Page - Infineon Technologies AG C167CS Datasheet HTML 291Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 517 page
background image
C167CS
Derivatives
The High-Speed Synchronous Serial Interface
User’s Manual
12-4
V2.0, 2000-07
Note: The target of an access to SSCCON (control bits or flags) is determined by the
state of SSCEN prior to the access, i.e. writing C057H to SSCCON in
programming mode (SSCEN = ‘0’) will initialize the SSC (SSCEN was ‘0’) and
then turn it on (SSCEN = ‘1’).
When writing to SSCCON, make sure that reserved locations receive zeros.
SSCCON
SSC Control Reg. (Op.M.)
SFR (FFB2H/D9H)
Reset Value: 0000H
15
14
13
12
11
10
98765
43210
SSC
EN
= 1
SSC
MS
-
SSC
BSY
SSC
BE
SSC
PE
SSC
RE
SSC
TE
----
SSCBC
rw
rw
-
rw
rw
rw
rw
rw
-
-
-
-
r
Bit
Function (Operating Mode, SSCEN = ‘1’)
SSCBC
SSC Bit Count Field
Shift counter is updated with every shifted bit. Do not write to!!!
SSCTE
SSC Transmit Error Flag
1:
Transfer starts with the slave’s transmit buffer not being updated.
SSCRE
SSC Receive Error Flag
1:
Reception completed before the receive buffer was read.
SSCPE
SSC Phase Error Flag
1:
Received data changes around sampling clock edge.
SSCBE
SSC Baudrate Error Flag
1:
More than factor 2 or less than factor 0.5 between Slave’s actual
and expected baudrate.
SSCBSY
SSC Busy Flag
Set while a transfer is in progress. Do not write to!!!
SSCMS
SSC Master Select Bit
0:
Slave Mode. Operate on shift clock received via SCLK.
1:
Master Mode. Generate shift clock and output it via SCLK.
SSCEN
SSC Enable Bit = ‘1’
Transmission and reception enabled. Access to status flags and M/S
control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com