Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 290 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 290 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 286Page - Infineon Technologies AG C167CS Datasheet HTML 287Page - Infineon Technologies AG C167CS Datasheet HTML 288Page - Infineon Technologies AG C167CS Datasheet HTML 289Page - Infineon Technologies AG C167CS Datasheet HTML 290Page - Infineon Technologies AG C167CS Datasheet HTML 291Page - Infineon Technologies AG C167CS Datasheet HTML 292Page - Infineon Technologies AG C167CS Datasheet HTML 293Page - Infineon Technologies AG C167CS Datasheet HTML 294Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 517 page
background image
C167CS
Derivatives
The High-Speed Synchronous Serial Interface
User’s Manual
12-7
V2.0, 2000-07
12.1
Full-Duplex Operation
The different devices are connected through three lines. The definition of these lines is
always determined by the master: The line connected to the master’s data output pin
MTSR is the transmit line, the receive line is connected to its data input line MRST, and
the clock line is connected to pin SCLK. Only the device selected for master operation
generates and outputs the serial clock on pin SCLK. All slaves receive this clock, so their
pin SCLK must be switched to input mode (DP3.13 = ‘0’). The output of the master’s shift
register is connected to the external transmit line, which in turn is connected to the
slaves’ shift register input. The output of the slaves’ shift register is connected to the
external receive line in order to enable the master to receive the data shifted out of the
slave. The external connections are hard-wired, the function and direction of these pins
is determined by the master or slave operation of the individual device.
Note: The shift direction shown in Figure 12-4 applies for MSB-first operation as well as
for LSB-first operation.
When initializing the devices in this configuration, select one device for master operation
(SSCMS = ‘1’), all others must be programmed for slave operation (SSCMS = ‘0’).
Initialization includes the operating mode of the device’s SSC and also the function of
the respective port lines (see Chapter 12.4).
Figure 12-4
SSC Full-Duplex Configuration
MCS01963
MRST
SCLK
Device #2
Slave
Clock
Shift Register
MTSR
Clock
Master
Receive
Transmit
Device #1
Clock
MTSR
MRST
SCLK
Shift Register
MTSR
Shift Register
Clock
Slave
SCLK
MRST
Device #3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com