Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 294 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 294 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 290Page - Infineon Technologies AG C167CS Datasheet HTML 291Page - Infineon Technologies AG C167CS Datasheet HTML 292Page - Infineon Technologies AG C167CS Datasheet HTML 293Page - Infineon Technologies AG C167CS Datasheet HTML 294Page - Infineon Technologies AG C167CS Datasheet HTML 295Page - Infineon Technologies AG C167CS Datasheet HTML 296Page - Infineon Technologies AG C167CS Datasheet HTML 297Page - Infineon Technologies AG C167CS Datasheet HTML 298Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 517 page
background image
C167CS
Derivatives
The High-Speed Synchronous Serial Interface
User’s Manual
12-11
V2.0, 2000-07
12.3
Continuous Transfers
When the transmit interrupt request flag is set, it indicates that the transmit buffer SSCTB
is empty and ready to be loaded with the next transmit data. If SSCTB has been reloaded
by the time the current transmission is finished, the data is immediately transferred to the
shift register and the next transmission will start without any additional delay. On the data
line there is no gap between the two successive frames. E.g. two byte transfers would
look the same as one word transfer. This feature can be used to interface with devices
which can operate with or require more than 16 data bits per transfer. It is just a matter
of software, how long a total data frame length can be. This option can also be used e.g.
to interface to byte-wide and word-wide devices on the same serial bus.
Note: Of course, this can only happen in multiples of the selected basic data width, since
it would require disabling/enabling of the SSC to reprogram the basic data width
on-the-fly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com