Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 285 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 285 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 281Page - Infineon Technologies AG C167CS Datasheet HTML 282Page - Infineon Technologies AG C167CS Datasheet HTML 283Page - Infineon Technologies AG C167CS Datasheet HTML 284Page - Infineon Technologies AG C167CS Datasheet HTML 285Page - Infineon Technologies AG C167CS Datasheet HTML 286Page - Infineon Technologies AG C167CS Datasheet HTML 287Page - Infineon Technologies AG C167CS Datasheet HTML 288Page - Infineon Technologies AG C167CS Datasheet HTML 289Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 517 page
background image
C167CS
Derivatives
The High-Speed Synchronous Serial Interface
User’s Manual
12-2
V2.0, 2000-07
Figure 12-2
Synchronous Serial Channel SSC Block Diagram
The operating mode of the serial channel SSC is controlled by its bit-addressable control
register SSCCON. This register serves for two purposes:
• during programming (SSC disabled by SSCEN = ‘0’) it provides access to a set of
control bits,
• during operation (SSC enabled by SSCEN = ‘1’) it provides access to a set of status
flags.
Register SSCCON is shown below in each of the two modes.
SSCCON
SSC Control Reg. (Pr.M.)
SFR (FFB2H/D9H)
Reset Value: 0000H
15
14
13
12
11
10
9876
543210
SSC
EN
= 0
SSC
MS
-
SSC
AR
EN
SSC
BEN
SSC
PEN
SSC
REN
SSC
TEN
-
SSC
PO
SSC
PH
SSC
HB
SSCBM
rw
rw
-
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
MCB01957
Receive Int. Request
Transmit Int. Request
Error Int.Request
SSC Control Block
16-Bit Shift Register
Transmit Buffer
Register SSCTB
Register SSCRB
Receive Buffer
Pin
Control
Status
Control
Shift
Clock
Generator
Baud Rate
Clock
Control
Slave Clock
Master Clock
CPU
Clock
I n t e r n a l B u s
MTSR
MRST
SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com