Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 279 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 279 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 275Page - Infineon Technologies AG C167CS Datasheet HTML 276Page - Infineon Technologies AG C167CS Datasheet HTML 277Page - Infineon Technologies AG C167CS Datasheet HTML 278Page - Infineon Technologies AG C167CS Datasheet HTML 279Page - Infineon Technologies AG C167CS Datasheet HTML 280Page - Infineon Technologies AG C167CS Datasheet HTML 281Page - Infineon Technologies AG C167CS Datasheet HTML 282Page - Infineon Technologies AG C167CS Datasheet HTML 283Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 517 page
background image
C167CS
Derivatives
The Asynchronous/Synchronous Serial Interface
User’s Manual
11-13
V2.0, 2000-07
Table 11-3
ASC0 Asynchronous Baudrate Generation for
fCPU = 25 MHz
Baud Rate
S0BRS = ‘0’
S0BRS = ‘1’
Deviation Error
Reload Value
Deviation Error
Reload Value
781
KBaud
+ 0.2%
0000H
––
19.2
KBaud
+ 1.7%/ – 0.8%
0027H/0028H
+ 0.5%/ – 3.1%
001AH/001BH
9600
Baud
+ 0.5%/ – 0.8%
0050H/0051H
+ 0.5%/ – 1.4%
0035H/0036H
4800
Baud
+ 0.5%/ – 0.2%
00A1H/00A2H
+ 0.5%/ – 0.5%
006BH/006CH
2400
Baud
+ 0.2%/ – 0.2%
0145H/0146H
+ 0.0%/ – 0.5%
00D8H/00D9H
1200
Baud
+ 0.0%/ – 0.2%
028AH/028BH
+ 0.0%/ – 0.2%
01B1H/01B2H
600
Baud
+ 0.0%/ – 0.1%
0515H/0516H
+ 0.0%/ – 0.1%
0363H/0364H
95
Baud
+ 0.4%
1FFFH
+ 0.0%/ – 0.0%
1569H/156AH
63
Baud
–
–
+ 1.0%
1FFFH
Table 11-4
ASC0 Asynchronous Baudrate Generation for
fCPU = 33 MHz
Baud Rate
S0BRS = ‘0’
S0BRS = ‘1’
Deviation Error
Reload Value
Deviation Error
Reload Value
1.031 MBaud
± 0.0%
0000H
––
19.2
KBaud
+ 1.3%/ – 0.5%
0034H/0035H
+ 2.3%/ – 0.5%
0022H/0023H
9600
Baud
+ 0.4%/ – 0.5%
006AH/006BH
+ 0.9%/ – 0.5%
0046H/0047H
4800
Baud
+ 0.4%/ – 0.1%
00D5H/00D6H
+ 0.2%/ – 0.5%
008EH/008FH
2400
Baud
+ 0.2%/ – 0.1%
01ACH/01ADH + 0.2%/ – 0.2%
011DH/011EH
1200
Baud
+ 0.0%/ – 0.1%
035AH/035BH
+ 0.2%/ – 0.0%
023BH/023CH
600
Baud
+ 0.0%/ – 0.0%
06B5H/06B6H
+ 0.1%/ – 0.0%
0478H/0479H
125
Baud
+ 7.1%
1FFFH
± 0.0%
157CH
84
Baud
–
–
– 0.9%
1FFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com