Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 274 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 274 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 270Page - Infineon Technologies AG C167CS Datasheet HTML 271Page - Infineon Technologies AG C167CS Datasheet HTML 272Page - Infineon Technologies AG C167CS Datasheet HTML 273Page - Infineon Technologies AG C167CS Datasheet HTML 274Page - Infineon Technologies AG C167CS Datasheet HTML 275Page - Infineon Technologies AG C167CS Datasheet HTML 276Page - Infineon Technologies AG C167CS Datasheet HTML 277Page - Infineon Technologies AG C167CS Datasheet HTML 278Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 517 page
background image
C167CS
Derivatives
The Asynchronous/Synchronous Serial Interface
User’s Manual
11-8
V2.0, 2000-07
11.2
Synchronous Operation
Synchronous mode supports half-duplex communication, basically for simple IO
expansion via shift registers. Data is transmitted and received via pin RXD0, while pin
TXD0 outputs the shift clock. These signals are alternate port functions. Synchronous
mode is selected with S0M = ‘000B’.
8 data bits are transmitted or received synchronous to a shift clock generated by the
internal baud rate generator. The shift clock is only active as long as data bits are
transmitted or received.
Figure 11-5
Synchronous Mode of Serial Channel ASC0
MCB02220
Reload Register
Baud Rate Timer
Receive Int.
Request
MUX
÷ 2
Clock
Clock
Serial Port Control
Shift Clock
Receive Shift
Register
Receive Buffer Reg.
TXD0/P3.10
Internal Bus
0
1
Transmit Int.
Request
Error Int.
Request
S0OE
S0M = 000B
S0REN
S0OEN
S0LB
÷ 4
RXD0/P3.11
Receive
Transmit
CPU
S0R
S0RIR
S0TIR
S0EIR
Transmit Shift
Register
Transmit Buffer Reg.
S0TBUF
S0RBUF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com