Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 273 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 273 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 269Page - Infineon Technologies AG C167CS Datasheet HTML 270Page - Infineon Technologies AG C167CS Datasheet HTML 271Page - Infineon Technologies AG C167CS Datasheet HTML 272Page - Infineon Technologies AG C167CS Datasheet HTML 273Page - Infineon Technologies AG C167CS Datasheet HTML 274Page - Infineon Technologies AG C167CS Datasheet HTML 275Page - Infineon Technologies AG C167CS Datasheet HTML 276Page - Infineon Technologies AG C167CS Datasheet HTML 277Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 517 page
background image
C167CS
Derivatives
The Asynchronous/Synchronous Serial Interface
User’s Manual
11-7
V2.0, 2000-07
Asynchronous transmission begins at the next overflow of the divide-by-16 counter
(see Figure 11-4), provided that S0R is set and data has been loaded into S0TBUF. The
transmitted data frame consists of three basic elements:
• the start bit
• the data field (8 or 9 bits, LSB first, including a parity bit, if selected)
• the delimiter (1 or 2 stop bits)
Data transmission is double buffered. When the transmitter is idle, the transmit data
loaded into S0TBUF is immediately moved to the transmit shift register thus freeing
S0TBUF for the next data to be sent. This is indicated by the transmit buffer interrupt
request flag S0TBIR being set. S0TBUF may now be loaded with the next data, while
transmission of the previous one is still going on.
The transmit interrupt request flag S0TIR will be set before the last bit of a frame is
transmitted, i.e. before the first or the second stop bit is shifted out of the transmit shift
register.
The transmitter output pin TXD0 must be configured for alternate data output, i.e. the
respective port output latch and the direction latch must be ‘1’.
Asynchronous reception is initiated by a falling edge (1-to-0 transition) on pin RXD0,
provided that bits S0R and S0REN are set. The receive data input pin RXD0 is sampled
at 16 times the rate of the selected baud rate. A majority decision of the 7th, 8th and 9th
sample determines the effective bit value. This avoids erroneous results that may be
caused by noise.
If the detected value is not a ‘0’ when the start bit is sampled, the receive circuit is reset
and waits for the next 1-to-0 transition at pin RXD0. If the start bit proves valid, the
receive circuit continues sampling and shifts the incoming data frame into the receive
shift register.
When the last stop bit has been received, the content of the receive shift register is
transferred to the receive data buffer register S0RBUF. Simultaneously, the receive
interrupt request flag S0RIR is set after the 9th sample in the last stop bit time slot (as
programmed), regardless whether valid stop bits have been received or not. The receive
circuit then waits for the next start bit (1-to-0 transition) at the receive data input pin.
The receiver input pin RXD0 must be configured for input, i.e. the respective direction
latch must be ‘0’.
Asynchronous reception is stopped by clearing bit S0REN. A currently received frame is
completed including the generation of the receive interrupt request and an error interrupt
request, if appropriate. Start bits that follow this frame will not be recognized.
Note: In wake-up mode received frames are only transferred to the receive buffer
register, if the 9th bit (the wake-up bit) is ‘1’. If this bit is ‘0’, no receive interrupt
request will be activated and no data will be transferred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com