Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 272 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 272 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 268Page - Infineon Technologies AG C167CS Datasheet HTML 269Page - Infineon Technologies AG C167CS Datasheet HTML 270Page - Infineon Technologies AG C167CS Datasheet HTML 271Page - Infineon Technologies AG C167CS Datasheet HTML 272Page - Infineon Technologies AG C167CS Datasheet HTML 273Page - Infineon Technologies AG C167CS Datasheet HTML 274Page - Infineon Technologies AG C167CS Datasheet HTML 275Page - Infineon Technologies AG C167CS Datasheet HTML 276Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 517 page
background image
C167CS
Derivatives
The Asynchronous/Synchronous Serial Interface
User’s Manual
11-6
V2.0, 2000-07
S0PE will be set along with the error interrupt request flag, if a wrong parity bit is
received. The parity bit itself will be stored in bit S0RBUF.7.
Figure 11-3
Asynchronous 8-bit Data Frames
9-bit data frames either consist of 9 data bits D8 … D0 (S0M = ‘100B’), of 8 data bits
D7 … D0 plus an automatically generated parity bit (S0M = ‘111B’) or of 8 data bits
D7 … D0 plus wake-up bit (S0M = ‘101B’). Parity may be odd or even, depending on bit
S0ODD in register S0CON. An even parity bit will be set, if the modulo-2-sum of the
8 data bits is ‘1’. An odd parity bit will be cleared in this case. Parity checking is enabled
via bit S0PEN (always OFF in 9-bit data and wake-up mode). The parity error flag S0PE
will be set along with the error interrupt request flag, if a wrong parity bit is received. The
parity bit itself will be stored in bit S0RBUF.8.
In wake-up mode received frames are only transferred to the receive buffer register, if
the 9th bit (the wake-up bit) is ‘1’. If this bit is ‘0’, no receive interrupt request will be
activated and no data will be transferred.
This feature may be used to control communication in multi-processor system:
When the master processor wants to transmit a block of data to one of several slaves, it
first sends out an address byte which identifies the target slave. An address byte differs
from a data byte in that the additional 9th bit is a ‘1’ for an address byte and a ‘0’ for a
data byte, so no slave will be interrupted by a data ‘byte’. An address ‘byte’ will interrupt
all slaves (operating in 8-bit data + wake-up bit mode), so each slave can examine the
8 LSBs of the received character (the address). The addressed slave will switch to 9-bit
data mode (e.g. by clearing bit S0M.0), which enables it to also receive the data bytes
that will be coming (having the wake-up bit cleared). The slaves that were not being
addressed remain in 8-bit data + wake-up bit mode, ignoring the following data bytes.
Figure 11-4
Asynchronous 9-bit Data Frames
D7 /
Parity
MCT04377
D0
(LSB)
Start
Bit
D1
D2
D3
D4
D5
D6
(1st)
Stop
Bit
2nd
Stop
Bit
D7
MCT04378
D0
(LSB)
Start
Bit
D1
D2
D3
D4
D5
D6
(1st)
Stop
Bit
2nd
Stop
Bit
9th
Bit
Data Bit D8
Parity
Wake-up Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com