Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 269 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 269 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 265Page - Infineon Technologies AG C167CS Datasheet HTML 266Page - Infineon Technologies AG C167CS Datasheet HTML 267Page - Infineon Technologies AG C167CS Datasheet HTML 268Page - Infineon Technologies AG C167CS Datasheet HTML 269Page - Infineon Technologies AG C167CS Datasheet HTML 270Page - Infineon Technologies AG C167CS Datasheet HTML 271Page - Infineon Technologies AG C167CS Datasheet HTML 272Page - Infineon Technologies AG C167CS Datasheet HTML 273Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 517 page
background image
C167CS
Derivatives
The Asynchronous/Synchronous Serial Interface
User’s Manual
11-3
V2.0, 2000-07
A transmission is started by writing to the Transmit Buffer register S0TBUF (via an
instruction or a PEC data transfer). Only the number of data bits which is determined by
the selected operating mode will actually be transmitted, i.e. bits written to positions 9
through 15 of register S0TBUF are always insignificant. After a transmission has been
completed, the transmit buffer register is cleared to 0000H.
Data transmission is double-buffered, so a new character may be written to the transmit
buffer register, before the transmission of the previous character is complete. This allows
the transmission of characters back-to-back without gaps.
Data reception is enabled by the Receiver Enable Bit S0REN. After reception of a
character has been completed, the received data and, if provided by the selected
operating mode, the received parity bit can be read from the (read-only) Receive Buffer
register S0RBUF. Bits in the upper half of S0RBUF which are not valid in the selected
operating mode will be read as zeros.
Data reception is double-buffered, so that reception of a second character may already
begin before the previously received character has been read out of the receive buffer
register. In all modes, receive buffer overrun error detection can be selected through bit
S0PE
Parity Error Flag
Set by hardware on a parity error (S0PEN = ‘1’). Must be reset by
software.
S0FE
Framing Error Flag
Set by hardware on a framing error (S0FEN = ‘1’). Must be reset by
software.
S0OE
Overrun Error Flag
Set by hardware on an overrun error (S0OEN = ‘1’). Must be reset by
software.
S0ODD
Parity Selection Bit
0:
Even parity (parity bit set on odd number of ‘1’s in data)
1:
Odd parity (parity bit set on even number of ‘1’s in data)
S0BRS
Baudrate Selection Bit
0:
Divide clock by reload-value + constant (depending on mode)
1:
Additionally reduce serial clock to 2/3rd
S0LB
Loopback Mode Enable Bit
0:
Standard transmit/receive mode
1:
Loopback mode enabled
S0R
Baudrate Generator Run Bit
0:
Baudrate generator disabled (ASC0 inactive)
1:
Baudrate generator enabled
Bit
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com