Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 265 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 265 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 261Page - Infineon Technologies AG C167CS Datasheet HTML 262Page - Infineon Technologies AG C167CS Datasheet HTML 263Page - Infineon Technologies AG C167CS Datasheet HTML 264Page - Infineon Technologies AG C167CS Datasheet HTML 265Page - Infineon Technologies AG C167CS Datasheet HTML 266Page - Infineon Technologies AG C167CS Datasheet HTML 267Page - Infineon Technologies AG C167CS Datasheet HTML 268Page - Infineon Technologies AG C167CS Datasheet HTML 269Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 517 page
background image
C167CS
Derivatives
The General Purpose Timer Units
User’s Manual
10-37
V2.0, 2000-07
For this purpose, the time between the external events is measured using timer T5 and
the CAPREL register. Timer T5 runs in timer mode counting up with a frequency of e.g.
fCPU/32. The external events are applied to pin CAPIN. When an external event occurs,
the timer T5 contents are latched into register CAPREL, and timer T5 is cleared
(T5CLR = ‘1’). Thus, register CAPREL always contains the correct time between two
events, measured in timer T5 increments. Timer T6, which runs in timer mode counting
down with a frequency of e.g.
fCPU / 4, uses the value in register CAPREL to perform a
reload on underflow. This means, the value in register CAPREL represents the time
between two underflows of timer T6, now measured in timer T6 increments. Since timer
T6 runs 8 times faster than timer T5, it will underflow 8 times within the time between two
external events. Thus, the underflow signal of timer T6 generates 8 ‘ticks’. Upon each
underflow, the interrupt request flag T6IR will be set and bit T6OTL will be toggled. The
state of T6OTL may be output on pin T6OUT. This signal has 8 times more transitions
than the signal which is applied to pin CAPIN.
The underflow signal of timer T6 can furthermore be used to clock one or more of the
timers of the CAPCOM units, which gives the user the possibility to set compare events
based on a finer resolution than that of the external events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com