Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 268 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 268 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 264Page - Infineon Technologies AG C167CS Datasheet HTML 265Page - Infineon Technologies AG C167CS Datasheet HTML 266Page - Infineon Technologies AG C167CS Datasheet HTML 267Page - Infineon Technologies AG C167CS Datasheet HTML 268Page - Infineon Technologies AG C167CS Datasheet HTML 269Page - Infineon Technologies AG C167CS Datasheet HTML 270Page - Infineon Technologies AG C167CS Datasheet HTML 271Page - Infineon Technologies AG C167CS Datasheet HTML 272Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 517 page
background image
C167CS
Derivatives
The Asynchronous/Synchronous Serial Interface
User’s Manual
11-2
V2.0, 2000-07
The operating mode of the serial channel ASC0 is controlled by its bitaddressable
control register S0CON. This register contains control bits for mode and error check
selection, and status flags for error identification.
S0CON
ASC0 Control Register
SFR (FFB0H/D8H)
Reset Value: 0000H
15
14
13
12
11
10
9876
543210
S0R
S0
LB
S0
BRS
S0
ODD
-
S0
OE
S0
FE
S0
PE
S0
OEN
S0
FEN
S0
PEN
S0
REN
S0
STP
S0M
rw
rw
rw
rw
-
rwh
rwh
rwh
rw
rw
rw
rwh
rw
rw
Bit
Function
S0M
ASC0 Mode Control
000: 8-bit data
synchronous operation
001: 8-bit data
async. operation
010: Reserved. Do not use this combination!
011: 7-bit data + parity
async. operation
100: 9-bit data
async. operation
101: 8-bit data + wake up bit
async. operation
110: Reserved. Do not use this combination!
111: 8-bit data + parity
async. operation
S0STP
Number of Stop Bits Selection
async. operation
0:
One stop bit
1:
Two stop bits
S0REN
Receiver Enable Bit
0:
Receiver disabled
1:
Receiver enabled
(Reset by hardware after reception of byte in synchronous mode)
S0PEN
Parity Check Enable Bit
async. operation
0:
Ignore parity
1:
Check parity
S0FEN
Framing Check Enable Bit
async. operation
0:
Ignore framing errors
1:
Check framing errors
S0OEN
Overrun Check Enable Bit
0:
Ignore overrun errors
1:
Check overrun errors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com