| Electronic Components Datasheet Search |
|
C167CS Datasheet(PDF) 271 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C167CS Datasheet(HTML) 271 Page - Infineon Technologies AG |
|
271 / 517 page ![]() C167CS Derivatives The Asynchronous/Synchronous Serial Interface User’s Manual 11-5 V2.0, 2000-07 11.1 Asynchronous Operation Asynchronous mode supports full-duplex communication, where both transmitter and receiver use the same data frame format and the same baud rate. Data is transmitted on pin TXD0 and received on pin RXD0. These signals are alternate port functions. Figure 11-2 Asynchronous Mode of Serial Channel ASC0 Asynchronous Data Frames 8-bit data frames either consist of 8 data bits D7 … D0 (S0M = ‘001B’), or of 7 data bits D6 … D0 plus an automatically generated parity bit (S0M = ‘011B’). Parity may be odd or even, depending on bit S0ODD in register S0CON. An even parity bit will be set, if the modulo-2-sum of the 7 data bits is ‘1’. An odd parity bit will be cleared in this case. Parity checking is enabled via bit S0PEN (always OFF in 8-bit data mode). The parity error flag MCB02219 Reload Register Baud Rate Timer Receive Int. Request CPU MUX ÷ 2 Clock S0R ÷ 16 S0RIR S0TIR S0EIR Clock Serial Port Control Shift Clock Receive Shift Register Register Transmit Shift S0RBUF Receive Buffer Reg. ling Samp- RXD0/P3.11 TXD0/P3.10 Internal Bus 0 1 Transmit Int. Request Error Int. Request S0OE S0FE S0PE S0STP S0M S0REN S0FEN S0PEN S0OEN S0LB Transmit Buffer Reg. S0TBUF |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |