Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 270 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 270 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 266Page - Infineon Technologies AG C167CS Datasheet HTML 267Page - Infineon Technologies AG C167CS Datasheet HTML 268Page - Infineon Technologies AG C167CS Datasheet HTML 269Page - Infineon Technologies AG C167CS Datasheet HTML 270Page - Infineon Technologies AG C167CS Datasheet HTML 271Page - Infineon Technologies AG C167CS Datasheet HTML 272Page - Infineon Technologies AG C167CS Datasheet HTML 273Page - Infineon Technologies AG C167CS Datasheet HTML 274Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 517 page
background image
C167CS
Derivatives
The Asynchronous/Synchronous Serial Interface
User’s Manual
11-4
V2.0, 2000-07
S0OEN. When enabled, the overrun error status flag S0OE and the error interrupt
request flag S0EIR will be set when the receive buffer register has not been read by the
time reception of a second character is complete. The previously received character in
the receive buffer is overwritten.
The Loop-Back option (selected by bit S0LB) allows the data currently being
transmitted to be received simultaneously in the receive buffer. This may be used to test
serial communication routines at an early stage without having to provide an external
network. In loop-back mode the alternate input/output functions of the Port 3 pins are not
necessary.
Note: Serial data transmission or reception is only possible when the Baud Rate
Generator Run Bit S0R is set to ‘1’. Otherwise the serial interface is idle.
Do not program the mode control field S0M in register S0CON to one of the
reserved combinations to avoid unpredictable behavior of the serial interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com