Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 264 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 264 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 260Page - Infineon Technologies AG C167CS Datasheet HTML 261Page - Infineon Technologies AG C167CS Datasheet HTML 262Page - Infineon Technologies AG C167CS Datasheet HTML 263Page - Infineon Technologies AG C167CS Datasheet HTML 264Page - Infineon Technologies AG C167CS Datasheet HTML 265Page - Infineon Technologies AG C167CS Datasheet HTML 266Page - Infineon Technologies AG C167CS Datasheet HTML 267Page - Infineon Technologies AG C167CS Datasheet HTML 268Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 517 page
background image
C167CS
Derivatives
The General Purpose Timer Units
User’s Manual
10-36
V2.0, 2000-07
GPT2 Capture/Reload Register CAPREL in Capture-And-Reload Mode
Since the reload function and the capture function of register CAPREL can be enabled
individually by bits T5SC and T6SR, the two functions can be enabled simultaneously by
setting both bits. This feature can be used to generate an output frequency that is a
multiple of the input frequency.
Figure 10-24 GPT2 Register CAPREL in Capture-And-Reload Mode
This combined mode can be used to detect consecutive external events which may
occur aperiodically, but where a finer resolution, that means, more ‘ticks’ within the time
between two external events is required.
Auxiliary Timer T5
Edge
Select
MCB02046B
Interrupt
Request
CAPIN
CI
T5SC
T5CLR
Input
Clock
Up/Down
Interrupt
Request
CAPREL Register
T6OTL
T6OE
T6OUT
Core Timer T6
Interrupt
Request
Input
Clock
T6SR
Up/Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com